Electronic Components Datasheet Search
  English  ▼

X  

KBP005 Datasheet (PDF) - Shanghai Lunsure Electronic Tech

KBP005 Datasheet PDF - Shanghai Lunsure Electronic Tech
Part # KBP005
Download  KBP005 Download
File Size   134.88 Kbytes
Page   2 Pages
Manufacturer  CHENYI [Shanghai Lunsure Electronic Tech]
Direct Link  http://www.cnelectr.com
Logo CHENYI - Shanghai Lunsure Electronic Tech
Description SINGLE PHASE GLASS BRIDGE RECTIFIER

KBP005 Datasheet (PDF)

Go To PDF Page Download Datasheet
KBP005 Datasheet PDF - Shanghai Lunsure Electronic Tech

Part # KBP005
Download  KBP005 Click to download

File Size   134.88 Kbytes
Page   2 Pages
Manufacturer  CHENYI [Shanghai Lunsure Electronic Tech]
Direct Link  http://www.cnelectr.com
Logo CHENYI - Shanghai Lunsure Electronic Tech
Description SINGLE PHASE GLASS BRIDGE RECTIFIER

KBP005 Datasheet (HTML) - Shanghai Lunsure Electronic Tech


KBP005 Product details

Voltage: 50 TO 1000V CURRENT:4.0A

FEATURES
   Ideal for printed circuit board
   Reliable low cost construction utilizing molded plastic
      technique
   Surge overload rating: 150A peak




Similar Part No. - KBP005

ManufacturerPart #DatasheetDescription
logo
Shanghai Sunrise Electr...
KBP005 SSE-KBP005 Datasheet
14Kb / 1P
SINGLE PHASE SILICON BRIDGE RECTIFIER
logo
Shanghai Lunsure Electr...
KBP005 CHENYI-KBP005 Datasheet
156Kb / 2P
SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIER
KBP005 CHENYI-KBP005 Datasheet
139Kb / 2P
SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIER
logo
Dc Components
KBP005 DCCOM-KBP005 Datasheet
381Kb / 2P
TECHNICAL SPECIFICATIONS OF SINGLE-PHASE SILICON BRIDGE RECTIFIER
logo
GOOD-ARK Electronics
KBP005 GOOD-ARK-KBP005 Datasheet
48Kb / 2P
SINGLE-PHASE SILICON BRIDGE
More results


Similar Description - KBP005

ManufacturerPart #DatasheetDescription
logo
Zowie Technology Corpor...
GBU6A ZOWIE-GBU6A Datasheet
54Kb / 2P
GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
logo
Shanghai Lunsure Electr...
2W005THRU2W10 CHENYI-2W005THRU2W10 Datasheet
137Kb / 2P
SINGLE PHASE GLASS BRIDGE RECTIFIER
KBL005 CHENYI-KBL005 Datasheet
155Kb / 2P
SINGLE PHASE GLASS BRIDGE RECTIFIER
KBPC1005 CHENYI-KBPC1005 Datasheet
129Kb / 2P
SINGLE PHASE GLASS BRIDGE RECTIFIER
KBPC6005 CHENYI-KBPC6005 Datasheet
149Kb / 2P
SINGLE PHASE GLASS BRIDGE RECTIFIER
KBU6A CHENYI-KBU6A Datasheet
153Kb / 2P
SINGLE PHASE GLASS BRIDGE RECTIFIER
logo
Vishay Siliconix
GBPC6 VISHAY-GBPC6 Datasheet
84Kb / 3P
Glass Passivated Single-Phase Bridge Rectifier
10-Dec-04
3KBP005M VISHAY-3KBP005M Datasheet
93Kb / 3P
Glass Passivated Single-Phase Bridge Rectifier
03-Dec-04
G2SB60 VISHAY-G2SB60 Datasheet
32Kb / 2P
Glass Passivated Single-Phase Bridge Rectifier
21-Mar-02
logo
New Jersey Semi-Conduct...
KBP005 NJSEMI-KBP005 Datasheet
81Kb / 1P
SINGLE PHASE GLASS BRIDGE RECTIFIER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com