Electronic Components Datasheet Search
  English  ▼

X  

74HC4053BQ-Q100 Datasheet (PDF) - NXP Semiconductors

74HC4053BQ-Q100 Datasheet PDF - NXP Semiconductors
Part # 74HC4053BQ-Q100
Download  74HC4053BQ-Q100 Download
File Size   320.63 Kbytes
Page   30 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description Triple 2-channel analog multiplexer/demultiplexer

74HC4053BQ-Q100 Datasheet (PDF)

Go To PDF Page Download Datasheet
74HC4053BQ-Q100 Datasheet PDF - NXP Semiconductors

Part # 74HC4053BQ-Q100
Download  74HC4053BQ-Q100 Click to download

File Size   320.63 Kbytes
Page   30 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description Triple 2-channel analog multiplexer/demultiplexer

74HC4053BQ-Q100 Datasheet (HTML) - NXP Semiconductors


74HC4053BQ-Q100 Product details

General description
The 74HC4053-Q100; 74HCT4053-Q100 is a high-speed Si-gate CMOS device and is pin compatible with Low-power Schottky TTL (LSTTL). It is specified in compliance with JEDEC standard no. 7A.

Features and benefits
■ Automotive product qualification in accordance with AEC-Q100 (Grade 1)
    ◆ Specified from -40 °C to +85 °C and from -40 °C to +125 °C
■ Wide analog input voltage range from -5 V to +5 V
■ Low ON resistance:
    ◆ 80 Ω (typical) at VCC - VEE = 4.5 V
    ◆ 70 Ω (typical) at VCC - VEE = 6.0 V
    ◆ 60 Ω (typical) at VCC - VEE = 9.0 V
■ Logic level translation: to enable 5 V logic to communicate with 5 V analog signals
■ Typical ‘break before make’ built-in
■ ESD protection:
    ◆ MIL-STD-883, method 3015 exceeds 2000 V
    ◆ HBM JESD22-A114F exceeds 2000 V
    ◆ MM JESD22-A115-A exceeds 200 V (C = 200 pF, R = 0 Ω)
    ◆ CDM AEC-Q100-011 revision B exceeds 1000 V
■ Multiple package options

Applications
■ Analog multiplexing and demultiplexing
■ Digital multiplexing and demultiplexing
■ Signal gating




Similar Part No. - 74HC4053BQ-Q100

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
74HC4053BQ-Q100 NEXPERIA-74HC4053BQ-Q100 Datasheet
366Kb / 25P
Triple 2-channel analog multiplexer/demultiplexer
Rev. 3 - 5 March 2020
More results


Similar Description - 74HC4053BQ-Q100

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LV4053 PHILIPS-74LV4053 Datasheet
154Kb / 16P
Triple 2-channel analog multiplexer/demultiplexer
1998 Jun 23
logo
Hitachi Semiconductor
HD74LV4053A HITACHI-HD74LV4053A Datasheet
76Kb / 17P
Triple 2-channel Analog Multiplexer / Demultiplexer
logo
STMicroelectronics
M74HC4053 STMICROELECTRONICS-M74HC4053 Datasheet
313Kb / 15P
TRIPLE 2-CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER
17-May-2004
logo
NXP Semiconductors
74HC4053 PHILIPS-74HC4053 Datasheet
176Kb / 33P
Triple 2-channel analog multiplexer/demultiplexer
Rev. 04-9 May 2006
74HC4053 PHILIPS-74HC4053_90 Datasheet
141Kb / 17P
Triple 2-channel analog multiplexer/demultiplexer
December 1990
74HC4053 NXP-74HC4053 Datasheet
224Kb / 32P
Triple 2-channel analog multiplexer/demultiplexer
Rev. 7-13 December 2011
logo
Texas Instruments
SN74LV4053A-Q1 TI1-SN74LV4053A-Q1 Datasheet
807Kb / 17P
TRIPLE 2-CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER
logo
NXP Semiconductors
74HCT4053PW118 NXP-74HCT4053PW118 Datasheet
226Kb / 32P
Triple 2-channel analog multiplexer/demultiplexer
Rev. 8-19 July 2012
logo
Unisonic Technologies
U74LVX4053 UTC-U74LVX4053 Datasheet
239Kb / 11P
Triple 2-Channel Analog Multiplexer/Demultiplexer
logo
Nexperia B.V. All right...
74HC4053-Q100 NEXPERIA-74HC4053-Q100 Datasheet
366Kb / 25P
Triple 2-channel analog multiplexer/demultiplexer
Rev. 3 - 5 March 2020
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.

The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.

NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.

The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.

NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com