Electronic Components Datasheet Search
  English  ▼

X  

MAX16820ATTT Datasheet (PDF) - Maxim Integrated Products

MAX16820ATTT Datasheet PDF - Maxim Integrated Products
Part # MAX16820ATTT
Download  MAX16820ATTT Download
File Size   220.79 Kbytes
Page   10 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 2MHz High-Brightness LED Drivers with High-Side Current Sense and 5000:1 Dimming

MAX16820ATTT Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX16820ATTT Datasheet PDF - Maxim Integrated Products

Part # MAX16820ATTT
Download  MAX16820ATTT Click to download

File Size   220.79 Kbytes
Page   10 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 2MHz High-Brightness LED Drivers with High-Side Current Sense and 5000:1 Dimming

MAX16820ATTT Datasheet (HTML) - Maxim Integrated Products


MAX16820ATTT Product details

General Description

The MAX16819/MAX16820, step-down constant-current high-brightness LED (HB LED) drivers provide a cost effective solution for automotive interior/exterior lighting, architectural and ambient lighting, LED bulbs such as MR16 and other LED illumination applications.

The MAX16819/MAX16820 operate from a 4.5V to 28V input voltage range and feature a 5V/10mA on-board regulator. A high-side current-sense resistor adjusts the output current and a dedicated PWM input (DIM) enables a wide range of pulsed dimming.

The MAX16819/MAX16820 are well suited for applications requiring a wide input voltage range. The high-side current-sensing and an integrated current-setting circuitry minimize the number of external components while delivering an LED current with ±5% accuracy. A hysteretic control algorithm ensures excellent input-supply rejection and fast response during load transients and PWM dimming. The MAX16819 features a 30% inductor current ripple and the MAX16820 features a 10% current ripple. These devices operate up to 2MHz switching fre quency, thus allowing for small component size.



Features

♦ High-Side Current Sense

♦ Dedicated Dimming Control Input

♦ 20kHz Maximum Dimming Efficiency

♦ Hysteretic Control: No Compensation

♦ Up to 2MHz Switching Frequency

♦ ±5% LED Current Accuracy

♦ Adjustable Constant LED Current

♦ 4.5V to 28V Input Voltage Range

♦ Over 25W Output Power

♦ 5V, 10mA On-Board Regulator

♦ -40°C to +125°C Operating Temperature Range



Applications

  Architectural, Industrial, and Ambient Lighting

  Automotive RCL, DRL, and Fog Lights

  MR16 and Other LED Bulbs

  Indicators and Emergency Lighting



 




Similar Part No. - MAX16820ATTT

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX16820ATT+T MAXIM-MAX16820ATT+T Datasheet
216Kb / 10P
2MHz High-Brightness LED Drivers with High-Side Current Sense and 5000:1 Dimming
Rev 0; 12/06
MAX16820ATT+T MAXIM-MAX16820ATT+T Datasheet
918Kb / 9P
2MHz High-Brightness LED Drivers with High-Side Current Sense and 5000:1 Dimming
Rev 3; 2/15
MAX16820ATT+T MAXIM-MAX16820ATT+T Datasheet
867Kb / 9P
2MHz High-Brightness LED Drivers with High-Side Current Sense and 5000:1 Dimming
2017
More results


Similar Description - MAX16820ATTT

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX16819 MAXIM-MAX16819 Datasheet
216Kb / 10P
2MHz High-Brightness LED Drivers with High-Side Current Sense and 5000:1 Dimming
Rev 0; 12/06
logo
Kingbor Technology Co
KB1365 KINGBOR-KB1365 Datasheet
265Kb / 9P
2MHz High-Brightness LED Drivers with High-Side Current Sense and 5000:1 Dimming
logo
Maxim Integrated Produc...
MAX16822A MAXIM-MAX16822A Datasheet
226Kb / 10P
2MHz, High-Brightness LED Drivers with Integrated MOSFET and High-Side Current Sense
Rev 2; 5/09
MAX16822A MAXIM-MAX16822A_10 Datasheet
188Kb / 10P
2MHz, High-Brightness LED Drivers with Integrated MOSFET and High-Side Current Sense
Rev 3; 1/10
MAX16832A MAXIM-MAX16832A_10 Datasheet
238Kb / 10P
2MHz, High-Brightness LED Drivers with Integrated MOSFET and High-Side Current Sense
Rev 3; 2/10
MAX16832CASA-T MAXIM-MAX16832CASA-T Datasheet
253Kb / 10P
2MHz, High-Brightness LED Drivers with Integrated MOSFET and High-Side Current Sense
Rev 6; 7/12
MAX16819 MAXIM-MAX16819_15 Datasheet
918Kb / 9P
2MHz High-Brightness LED Drivers with High-Side Current Sense and 5000:1 Dimming
Rev 3; 2/15
MAX16832A MAXIM-MAX16832A_15 Datasheet
265Kb / 10P
2MHz, High-Brightness LED Drivers with Integrated MOSFET and High-Side Current Sense
Rev 7; 2/15
MAX16822 MAXIM-MAX16822 Datasheet
222Kb / 10P
2MHz, High-Brightness LED Drivers with Integrated MOSFET and High-Side Current Sense
Rev 4; 2/15
MAX16819 MAXIM-MAX16819_V01 Datasheet
867Kb / 9P
2MHz High-Brightness LED Drivers with High-Side Current Sense and 5000:1 Dimming
2017
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com