Electronic Components Datasheet Search
  English  ▼

X  

AATIAN31 Datasheet (PDF) - SiGe Semiconductor, Inc.

AATIAN31 Datasheet PDF - SiGe Semiconductor, Inc.
Part # AATIAN31
Download  AATIAN31 Download
File Size   210.59 Kbytes
Page   5 Pages
Manufacturer  SIGE [SiGe Semiconductor, Inc.]
Direct Link  http://www.sige.com
Logo SIGE - SiGe Semiconductor, Inc.
Description 1MHz 1.4A Buck Regulator

AATIAN31 Datasheet (PDF)

Go To PDF Page Download Datasheet
AATIAN31 Datasheet PDF - SiGe Semiconductor, Inc.

Part # AATIAN31
Download  AATIAN31 Click to download

File Size   210.59 Kbytes
Page   5 Pages
Manufacturer  SIGE [SiGe Semiconductor, Inc.]
Direct Link  http://www.sige.com
Logo SIGE - SiGe Semiconductor, Inc.
Description 1MHz 1.4A Buck Regulator

AATIAN31 Datasheet (HTML) - SiGe Semiconductor, Inc.




Similar Part No. - AATIAN31

ManufacturerPart #DatasheetDescription
logo
SiGe Semiconductor, Inc...
AATIAN32 SIGE-AATIAN32 Datasheet
3Mb / 8P
12V,1.5A Step-Down DC/DC Converter
AATIAN35 SIGE-AATIAN35 Datasheet
362Kb / 6P
18V/10V 100mA Boost Converter
AATIAN36 SIGE-AATIAN36 Datasheet
231Kb / 7P
Step-Up DC/DC Converter
More results


Similar Description - AATIAN31

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2203 MICREL-MIC2203 Datasheet
2Mb / 13P
High Efficiency 1MHz Synchronous Buck Regulator
MIC2208 MICREL-MIC2208 Datasheet
702Kb / 19P
3mmx3mm 1MHz 3A PWM Buck Regulator
logo
National Semiconductor ...
LM20124 NSC-LM20124 Datasheet
578Kb / 20P
4A, 1MHz PowerWise짰 Synchronous Buck Regulator
logo
Micrel Semiconductor
MIC22600 MICREL-MIC22600 Datasheet
541Kb / 17P
1MHz 6A Integrated Switch Synchronous Buck Regulator
logo
National Semiconductor ...
LM20154 NSC-LM20154 Datasheet
723Kb / 22P
4A, 1MHz PowerWise짰 Synchronous Buck Regulator with SYNCOUT
LM20124 NSC-LM20124_08 Datasheet
578Kb / 20P
4A, 1MHz PowerWise짰 Synchronous Buck Regulator
logo
Micrel Semiconductor
MIC22600 MICREL-MIC22600_09 Datasheet
647Kb / 29P
1MHz, 6A Integrated Switch Synchronous Buck Regulator
MIC22600 MICREL-MIC22600_11 Datasheet
1Mb / 32P
1MHz, 6A Integrated Switch Synchronous Buck Regulator
logo
Intersil Corporation
ISL8014IRZ-T INTERSIL-ISL8014IRZ-T Datasheet
1Mb / 16P
Quiescent Current 1MHz High Efficiency Synchronous Buck Regulator
November 23, 2009
logo
Texas Instruments
LM20124 TI-LM20124_15 Datasheet
1Mb / 28P
4A, 1MHz PowerWise짰 Synchronous Buck Regulator
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com