Electronic Components Datasheet Search
  English  ▼

X  

UGP20F Datasheet (PDF) - Leshan Radio Company

UGP20F Datasheet PDF - Leshan Radio Company
Part # UGP20F
Download  UGP20F Download
File Size   203.63 Kbytes
Page   7 Pages
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company
Description Glass Passivated Junction Ultra Fast Rectifiers Reverse Voltage 50 to 800V Forward Current2.0A

UGP20F Datasheet (PDF)

Go To PDF Page Download Datasheet
UGP20F Datasheet PDF - Leshan Radio Company

Part # UGP20F
Download  UGP20F Click to download

File Size   203.63 Kbytes
Page   7 Pages
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company
Description Glass Passivated Junction Ultra Fast Rectifiers Reverse Voltage 50 to 800V Forward Current2.0A

UGP20F Datasheet (HTML) - Leshan Radio Company


UGP20F Product details

Reverse Voltage 50 to 800V Forward Current2.0A



FEATURES

* Plastic package has Underwriters Laboratories

   Flammability Classification 94V-0

* Ideally suited for use in very high frequency switching

* power supplies, inverters and as free wheeling diodes

* Ultrafast recovery time for high efficiency

* Excellent high temperature switching

* Soft recovery characteristics

* Cavity-free glass passivated junction

* High temperature soldering guaranteed:

* 260°C/10 seconds, 0.375" (9.5mm) lead length, 5 lbs. (2.3kg) tension



 




Similar Part No. - UGP20F

ManufacturerPart #DatasheetDescription
logo
Zowie Technology Corpor...
UGP20F ZOWIE-UGP20F Datasheet
61Kb / 2P
SINTERED GLASS PASSIVATED ULTRAFAST EFFICIENT RECTIFIER
logo
Galaxy Semi-Conductor H...
UGP20F BILIN-UGP20F Datasheet
65Kb / 2P
ULTRA FAST RECTIFIER
logo
Diode Semiconductor Kor...
UGP20F DSK-UGP20F Datasheet
260Kb / 2P
ULTRA FAST RECTIFIER
logo
Galaxy Semi-Conductor H...
UGP20F BILIN-UGP20F Datasheet
253Kb / 2P
ULTRA FAST RECTIFIER
logo
Shenzhen Luguang Electr...
UGP20F LUGUANG-UGP20F Datasheet
1Mb / 2P
Ultra Fast Rectifier
More results


Similar Description - UGP20F

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
LUR160 LRC-LUR160 Datasheet
115Kb / 4P
Glass Passivated Junction Ultra Fast Rectifiers Reverse Voltage 50 to 600V Forward Current 1.0A
LUR460 LRC-LUR460 Datasheet
186Kb / 7P
Glass Passivated Junction Ultra Fast Rectifiers Reverse Voltage 50 to 600V Forward Current 4.0A
LUMB305 LRC-LUMB305 Datasheet
183Kb / 9P
Glass Passivated Junction Ultra Fast Rectifiers Reverse Voltage 50 to 600V Forward Current 3.0A
SF61G LRC-SF61G Datasheet
245Kb / 7P
Glass Passivated Junction Ultra Fast Rectifiers Reverse Voltage 50 to 600V Forward Current 6.0A
UG2A LRC-UG2A Datasheet
177Kb / 7P
Glass Passivated Junction Ultra Fast Rectifiers Reverse Voltage 50 to 200V Forward Current 2.0A
UGP10A LRC-UGP10A Datasheet
183Kb / 7P
Glass Passivated Junction Uitra Fast Rectifiers Reverse Voltage 50 to 800V Forward Current 1.0A
UGP30A LRC-UGP30A Datasheet
332Kb / 7P
Glass Passivated Junction Ultra Fast Rectifiers Reverse Voltage 50 to 800V Forward Current3.0A
LUMA105 LRC-LUMA105 Datasheet
189Kb / 9P
Glass Passivated Junction Ultra Fast Rectifiers Reverse Voltage 50 to 600V Forward Current 1.0A
LUMBF205 LRC-LUMBF205 Datasheet
224Kb / 9P
Glass Passivated Junction Ultra Fast Rectifiers Reverse Voltage 50 to 600V Forward Current 2.0A
LUMBF260 LRC-LUMBF260 Datasheet
224Kb / 9P
Glass Passivated Junction Ultra Fast Rectifiers Reverse Voltage 50 to 600V Forward Current 2.0A
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com