Electronic Components Datasheet Search
  English  ▼

X  

UGP10F Datasheet (PDF) - Leshan Radio Company

UGP10F Datasheet PDF - Leshan Radio Company
Part # UGP10F
Download  UGP10F Download
File Size   183.4 Kbytes
Page   7 Pages
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company
Description Glass Passivated Junction Uitra Fast Rectifiers Reverse Voltage 50 to 800V Forward Current 1.0A

UGP10F Datasheet (PDF)

Go To PDF Page Download Datasheet
UGP10F Datasheet PDF - Leshan Radio Company

Part # UGP10F
Download  UGP10F Click to download

File Size   183.4 Kbytes
Page   7 Pages
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company
Description Glass Passivated Junction Uitra Fast Rectifiers Reverse Voltage 50 to 800V Forward Current 1.0A

UGP10F Datasheet (HTML) - Leshan Radio Company


UGP10F Product details

Reverse Voltage 50 to 800V

Forward Current 1.0A



FEATURES

* Plastic package has Underwriters Laboratory

   Flammability Classification 94V-0

* High temperature metallurgically bonded construction

* Cavity-free glass passivated junction

* Capable of meeting environmental standards of MIL-S-19500

* 1.0 A operation at TA=55°C with no thermal runaway

* For use in high frequency rectifier circuits

* Ultrafast recovery time for high efficiency

* Typical IR less than 0.1µA

* High temperature soldering guaranteed: 350°C/10 seconds

* 0.375" (9.5mm) lead length, 5 lbs. (2.3kg) tension



 




Similar Part No. - UGP10F

ManufacturerPart #DatasheetDescription
logo
Zowie Technology Corpor...
UGP10F ZOWIE-UGP10F Datasheet
61Kb / 2P
SINTERED GLASS PASSIVATED JUNCTION ULTRAFAST EFFICIENT RECTIFIER
logo
Galaxy Semi-Conductor H...
UGP10F BILIN-UGP10F Datasheet
61Kb / 2P
SUPER FAST RECTIFIER
logo
Shenzhen Luguang Electr...
UGP10F LUGUANG-UGP10F Datasheet
184Kb / 2P
Super Fast Rectifiers
logo
Galaxy Semi-Conductor H...
UGP10F BILIN-UGP10F Datasheet
273Kb / 2P
SUPER FAST RECTIFIERS
logo
Leshan Radio Company
UGP10F LRC-UGP10F_15 Datasheet
305Kb / 7P
Glass Passivated Junction
More results


Similar Description - UGP10F

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
LUR160 LRC-LUR160 Datasheet
115Kb / 4P
Glass Passivated Junction Ultra Fast Rectifiers Reverse Voltage 50 to 600V Forward Current 1.0A
RGP10MA LRC-RGP10MA Datasheet
176Kb / 7P
Glass Passivated Junction Fast Switching Rectifiers Reverse Voltage 50 to 1000V Forward Current 1.0A
RS1A LRC-RS1A Datasheet
180Kb / 9P
Glass Passivated Junction Fast Switching Rectifiers Reverse Voltage 50 to 1000V Forward Current 1.0A
SF11G LRC-SF11G Datasheet
241Kb / 7P
Glass Passivated Junction Super Fast Rectifiers Reverse Voltage 50 to 600V Forward Current 1.0A
UF4001G LRC-UF4001G Datasheet
261Kb / 7P
Uitra Fast Rectifiers Reverse Voltage 50 to 1000V Forward Current 1.0A
UGP20A LRC-UGP20A Datasheet
203Kb / 7P
Glass Passivated Junction Ultra Fast Rectifiers Reverse Voltage 50 to 800V Forward Current2.0A
UGP30A LRC-UGP30A Datasheet
332Kb / 7P
Glass Passivated Junction Ultra Fast Rectifiers Reverse Voltage 50 to 800V Forward Current3.0A
LUMA105 LRC-LUMA105 Datasheet
189Kb / 9P
Glass Passivated Junction Ultra Fast Rectifiers Reverse Voltage 50 to 600V Forward Current 1.0A
LUMA160 LRC-LUMA160 Datasheet
189Kb / 9P
Glass Passivated Junction Ultra Fast Rectifiers Reverse Voltage 50 to 600V Forward Current 1.0A
SODF107-SH LRC-SODF107-SH Datasheet
319Kb / 11P
Surface Mount Glass Passivated Junction Fast Recovery Rectifiers Reverse Voltage 50 to 1000V Forward Current 1.0A
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com