Electronic Components Datasheet Search
  English  ▼

X  

TDA7297 Datasheet (PDF) - Unisonic Technologies

TDA7297 Datasheet PDF - Unisonic Technologies
Part # TDA7297
Download  TDA7297 Download
File Size   233.97 Kbytes
Page   8 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description 1010W DUAL BRIDGE AMPLIFIER

TDA7297 Datasheet (PDF)

Go To PDF Page Download Datasheet
TDA7297 Datasheet PDF - Unisonic Technologies

Part # TDA7297
Download  TDA7297 Click to download

File Size   233.97 Kbytes
Page   8 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description 1010W DUAL BRIDGE AMPLIFIER

TDA7297 Datasheet (HTML) - Unisonic Technologies


TDA7297 Product details

DESCRIPTION

The UTC TDA7297 is a dual bridge amplifier, it uses UTC advanced technology to provide customers with wide supply voltage, stand-by function, mute function, thermal overload protection and short circuit protection, etc. The UTC TDA7297 is suitable for TV and Portable Radio applications, etc.



FEATURES

* St-by and mute functions

* OTP and short circuit protections

* Work with a minimum external components

* Wide supply voltage range (6.5V~18V)




Similar Part No. - TDA7297

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7297 STMICROELECTRONICS-TDA7297 Datasheet
125Kb / 9P
1515W DUAL BRIDGE AMPLIFIER
May-1997
TDA7297 STMICROELECTRONICS-TDA7297 Datasheet
522Kb / 11P
7W7W DUAL BRIDGE AMPLIFIER
Sep-2003
logo
Toshiba Semiconductor
TDA7297 TOSHIBA-TDA7297 Datasheet
5Mb / 70P
COLOUR TELEVISION
logo
STMicroelectronics
TDA7297 STMICROELECTRONICS-TDA7297 Datasheet
183Kb / 9P
1515W DUAL BRIDGE AMPLIFIER
Sep-2003
TDA7297D STMICROELECTRONICS-TDA7297D Datasheet
177Kb / 11P
10W10W DUAL BRIDGE AMPLIFIER
May-2004
More results


Similar Description - TDA7297

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA2009A STMICROELECTRONICS-TDA2009A Datasheet
191Kb / 12P
10 10W STEREO AMPLIFIER
May-1995
TDA7297D STMICROELECTRONICS-TDA7297D Datasheet
177Kb / 11P
10W10W DUAL BRIDGE AMPLIFIER
May-2004
TDA7266B STMICROELECTRONICS-TDA7266B Datasheet
226Kb / 9P
1010W DUAL BRIDGE AMPLIFIER
Sep-2003
TDA7297SA STMICROELECTRONICS-TDA7297SA Datasheet
497Kb / 11P
10W10W DUAL BRIDGE AMPLIFIER
Sep-2003
logo
Unisonic Technologies
TDA2009 UTC-TDA2009 Datasheet
123Kb / 6P
10 10W STEREO AMPLIFIER
logo
NTE Electronics
NTE7105 NTE-NTE7105 Datasheet
74Kb / 3P
Integrated Circuit Dual 10W 10W Stereo Amplifier
logo
Unisonic Technologies
TDA22003 UTC-TDA22003 Datasheet
215Kb / 7P
10 10W STEREO AMPLIFIER
PA2009 UTC-PA2009 Datasheet
167Kb / 5P
10 10W STEREO AMPLIFIER
logo
STMicroelectronics
TDA-2009A STMICROELECTRONICS-TDA-2009A Datasheet
575Kb / 12P
10 10W STEREO AMPLIFIER
Sep-2003
logo
Unisonic Technologies
TDA7297 UTC-TDA7297_15 Datasheet
258Kb / 8P
10W DUAL BRIDGE AMPLIFIER
More results




About Unisonic Technologies


Unisonic Technologies is a Taiwanese semiconductor company that specializes in the design, manufacture, and sales of power management and analog integrated circuits (ICs). The company was founded in 1980 and has a global presence, with offices and facilities in Asia, Europe, and the Americas.

Unisonic Technologies provides a wide range of products and solutions, including power management ICs, linear voltage regulators, and motor control ICs. The company's products are used in a variety of applications, including consumer electronics, automotive, industrial, and telecommunications. Unisonic Technologies is known for its expertise in power management technology and its ability to provide high-performance and cost-effective solutions to its customers.

In recent years, Unisonic Technologies has expanded its product portfolio and offerings to include solutions for the Internet of Things (IoT) and smart energy markets. The company is committed to innovation and research and development and is actively involved in the development of new technologies and solutions for the semiconductor industry. Unisonic Technologies is a recognized leader in the power management and analog ICs market and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com