Electronic Components Datasheet Search
  English  ▼

X  

BLA1 Datasheet (PDF) - Bedford Opto Technology Ltd.

BLA1 Datasheet PDF - Bedford Opto Technology Ltd.
Part # BLA1
Download  BLA1 Download
File Size   48.61 Kbytes
Page   2 Pages
Manufacturer  BOT [Bedford Opto Technology Ltd.]
Direct Link  http://www.bot.co.uk
Logo BOT - Bedford Opto Technology Ltd.
Description 1Way 3mm LED Standoff

BLA1 Datasheet (PDF)

Go To PDF Page Download Datasheet
BLA1 Datasheet PDF - Bedford Opto Technology Ltd.

Part # BLA1
Download  BLA1 Click to download

File Size   48.61 Kbytes
Page   2 Pages
Manufacturer  BOT [Bedford Opto Technology Ltd.]
Direct Link  http://www.bot.co.uk
Logo BOT - Bedford Opto Technology Ltd.
Description 1Way 3mm LED Standoff

BLA1 Datasheet (HTML) - Bedford Opto Technology Ltd.




Similar Part No. - BLA1

ManufacturerPart #DatasheetDescription
logo
Bedford Opto Technology...
BLA10 BOT-BLA10 Datasheet
48Kb / 2P
3mm LED STAND-OFF
logo
NXP Semiconductors
BLA1011(S)-200R NXP-BLA1011(S)-200R Datasheet
9Mb / 130P
RF Manual 16th edition
June 2012
BLA1011-10 PHILIPS-BLA1011-10 Datasheet
72Kb / 9P
Avionics LDMOS transistor
2003 Nov 19
BLA1011-10 NXP-BLA1011-10 Datasheet
9Mb / 130P
RF Manual 16th edition
June 2012
BLA1011-2 PHILIPS-BLA1011-2 Datasheet
73Kb / 9P
Avionics LDMOS transistor
2003 Nov 19
More results


Similar Description - BLA1

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
B4C-AKNB EVERLIGHT-B4C-AKNB Datasheet
140Kb / 7P
3mm POWER LED
logo
Bedford Opto Technology...
BLA45 BOT-BLA45_12 Datasheet
49Kb / 2P
1Way 3mm LED 45 Degree Standoff
logo
List of Unclassifed Man...
561-TRM001 ETC2-561-TRM001 Datasheet
81Kb / 2P
Square Standoff LED Mount
logo
LUMEX INC.
SSL-LX3353GD LUMEX-SSL-LX3353GD Datasheet
222Kb / 1P
3mm x 3mm SQUARE LED,565nm GREEN LED
SSL-LX3353ID LUMEX-SSL-LX3353ID Datasheet
62Kb / 1P
3mm x 3mm SQUARE LED, 635nm RED LED
SSL-LX3353YD LUMEX-SSL-LX3353YD Datasheet
62Kb / 1P
3mm x 3mm SQUARE LED, 585nm YELLOW LED
logo
Keystone Electronics Co...
24884 KEYSTONE-24884 Datasheet
105Kb / 1P
SM STANDOFF
11.16.16
4873 KEYSTONE-4873 Datasheet
208Kb / 1P
SM STANDOFF
4.05.17
4882 KEYSTONE-4882 Datasheet
105Kb / 1P
SM STANDOFF
4.11.16
7665 KEYSTONE-7665 Datasheet
74Kb / 1P
CERAMIC STANDOFF
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com