Electronic Components Datasheet Search
  English  ▼

X  

MAX-3000A Datasheet (PDF) - Altera Corporation

MAX-3000A Datasheet PDF - Altera Corporation
Part # MAX-3000A
Download  MAX-3000A Download
File Size   715.02 Kbytes
Page   46 Pages
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation
Description Programmable Logic Device Family

MAX-3000A Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX-3000A Datasheet PDF - Altera Corporation

Part # MAX-3000A
Download  MAX-3000A Click to download

File Size   715.02 Kbytes
Page   46 Pages
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation
Description Programmable Logic Device Family

MAX-3000A Datasheet (HTML) - Altera Corporation


MAX-3000A Product details

General Description

MAX 3000A devices are low–cost, high–performance devices based on the Altera MAX architecture. Fabricatedwith advanced CMOS technology, the EEPROM–based MAX 3000A devices operate with a 3.3-V supply voltage and provide 600 to 10,000 usable gates, ISP, pin-to-pin delays as fast as 4.5 ns, and counter speeds of up to 227.3 MHz. MAX 3000A devices in the –4, –5, –6, –7, and –10 speed grades are compatible with the timing requirements of the PCI Special Interest Group (PCI SIG) PCI Local Bus Specification, Revision 2.2. See Table 2.



Features...

■ High–performance, low–cost CMOS EEPROM–based programmable logic devices (PLDs) built on a MAX®

architecture (see Table 1)

■ 3.3-V in-system programmability(ISP) through the built–in IEEE Std. 1149.1 Joint Test ActionGroup (JTAG) interface with advanced pin-locking capability

    – ISP circuitry compliant with IEEE Std. 1532

■ Built–in boundary-scan test (BST) circuitry compliant with IEEE Std. 1149.1-1990

■ Enhanced ISP features:

    – Enhanced ISP algorithm for faster programming

    – ISP_Done bit to ensure complete programming

    – Pull-up resistor on I/O pinsduring in–system programming

■ High–density PLDs ranging from 600 to 10,000 usable gates

■ 4.5–ns pin–to–pin logic delays with counter frequencies of up to 227.3 MHz

■ MultiVoltTM I/O interface enabling the device core to run at 3.3 V, while I/O pins are compatible with 5.0–V, 3.3–V, and 2.5–V logic levels

■ Pin counts ranging from 44 to 256 in a variety of thin quad flat pack (TQFP), plastic quad flat pack (PQFP), plastic J–lead chip carrier (PLCC), and FineLine BGATM packages

■ Hot–socketing support

■ Programmable interconnect array (PIA) continuous routing structure for fast, predictable performance

■ Industrial temperature range

■ PCI compatible

■ Bus–friendly architecture including programmable slew–rate control

■ Open–drain output option

■ Programmable macrocell flipflops with individual clear, preset, clock, and clock enable controls

■ Programmable power–saving mode for a power reduction of over 50%in each macrocell

■ Configurable expander product–term distribution, allowing up to 32 product terms per macrocell

■ Programmable security bit for protection of proprietary designs

■ Enhanced architectural features, including:

    – 6 or 10 pin– or logic–driven output enable signals

    – Two global clock signals with optional inversion

    – Enhanced interconnect resources for improved routability

    – Programmable output slew–rate control

■ Software design support and automatic place–and–route provided by Altera’s development systems for Windows–based PCs and Sun SPARCstations, and HP 9000 Series 700/800 workstations

■ Additional design entry and simulation support provided by EDIF 2 0 0 and 3 0 0 netlist files, library of parameterized modules (LPM), Verilog HDL, VHDL, and other interfaces to popular EDA tools from third–party manufacturers such as Cadence, Exemplar Logic, Mentor Graphics, OrCAD, Synopsys, Synplicity, and VeriBest

■ Programming support with the Altera master programming unit (MPU), MasterBlasterTM communications cable, ByteBlasterMVTM parallel port download cable, BitBlasterTM serial download cable as well as programming hardware from third–party manufacturers and any in–circuit tester that supports JamTM Standard Test and Programming Language (STAPL) Files (.jam), Jam STAPL Byte-Code Files (.jbc), or Serial Vector Format Files (.svf)




Similar Part No. - MAX-3000A

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
MAX-30 COOPER-MAX-30 Datasheet
78Kb / 1P
Blade-Type Fuses
MAX-30 COOPER-MAX-30 Datasheet
78Kb / 1P
Blade-Type Fuses
More results


Similar Description - MAX-3000A

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EPM7128SLC84-15 ALTERA-EPM7128SLC84-15 Datasheet
1Mb / 66P
Programmable Logic Device Family
EPM7128STC100-15N ALTERA-EPM7128STC100-15N Datasheet
1Mb / 66P
Programmable Logic Device Family
EPM3064ATC44-10N ALTERA-EPM3064ATC44-10N Datasheet
715Kb / 46P
Programmable Logic Device Family
EPF6016ATI144-3N ALTERA-EPF6016ATI144-3N Datasheet
405Kb / 52P
Programmable Logic Device Family
EPM7064SLC44-10 ALTERA-EPM7064SLC44-10 Datasheet
1Mb / 66P
Programmable Logic Device Family
EPM7128SLC84-10 ALTERA-EPM7128SLC84-10 Datasheet
1Mb / 66P
Programmable Logic Device Family
EPM7128STC100-10 ALTERA-EPM7128STC100-10 Datasheet
1Mb / 66P
Programmable Logic Device Family
EPM7160STI100-10 ALTERA-EPM7160STI100-10 Datasheet
1Mb / 66P
Programmable Logic Device Family
EPM7192SQI160-10N ALTERA-EPM7192SQI160-10N Datasheet
1Mb / 66P
Programmable Logic Device Family
EP1K30TC144-3N ALTERA-EP1K30TC144-3N Datasheet
1Mb / 86P
Programmable Logic Device Family
More results




About Altera Corporation


Altera Corporation was an American manufacturer of programmable logic devices (PLDs), reconfigurable complex digital circuits. It was acquired by Intel Corporation in 2015 and is now a subsidiary of Intel.

Founded in 1983, Altera was one of the pioneers in the field of programmable logic, offering a range of PLD products including field-programmable gate arrays (FPGAs), complex programmable logic devices (CPLDs), and specialized chips for digital signal processing and memory interface functions. The company's products were used in a variety of applications including communication systems, industrial automation, medical equipment, and military systems.

Altera was known for its innovation in the PLD market, including the development of high-density FPGAs and low-power, high-performance CPLDs. With its acquisition by Intel, Altera continues to provide PLD solutions for its customers, leveraging the resources and technology of one of the world's largest technology companies.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com