Electronic Components Datasheet Search
  English  ▼

X  

KSZ9031RN Datasheet (PDF) - Micrel Semiconductor

KSZ9031RN Datasheet PDF - Micrel Semiconductor
Part # KSZ9031RN
Download  KSZ9031RN Download
File Size   979.94 Kbytes
Page   8 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description MIC94300/MIC94310 - Power Supply Output Noise Attenuators

KSZ9031RN Datasheet (PDF)

Go To PDF Page Download Datasheet
KSZ9031RN Datasheet PDF - Micrel Semiconductor

Part # KSZ9031RN
Download  KSZ9031RN Click to download

File Size   979.94 Kbytes
Page   8 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description MIC94300/MIC94310 - Power Supply Output Noise Attenuators

KSZ9031RN Datasheet (HTML) - Micrel Semiconductor


KSZ9031RN Product details

General Description
The KSZ9031RNX is a completely integrated triple-speed(10Base-T / 100Base-TX / 1000Base-T) Ethernet physical-layer transceiver for transmission and reception of data on standard CAT-5 unshield twisted pair (UTP) cable.

Features
• Single-chip 10/100/1000Mbps IEEE 802.3-compliant
   Ethernet transceiver
• RGMII timing supports on-chip delay according to
   RGMII Version 2.0, with programming options for
   external delay and making adjustments and corrections
   to TX and RX timing paths
• RGMII with 3.3V/2.5V/1.8V tolerant I/Os
• Auto-negotiation to automatically select the highest link
   up speed (10/100/1000Mbps) and duplex (half/full)
• On-chip termination resistors for the differential pairs
• On-chip LDO controller to support single 3.3V supply
   operation – requires only one external FET to generate
   1.2V for the core
• Jumbo frame support up to 16KB
• 125MHz reference clock output
• Energy detect power-down mode for reduced power
   consumption when the cable is not attached
• Energy Efficient Ethernet (EEE) support with low-power
   idle (LPI) mode and clock stoppage for 100Base-TX/
   1000Base-T and transmit amplitude reduction with
   10Base-Te option
• Wake-On-LAN (WOL) support with robust custom
   packet detection
• AEC-Q100 qualified for automotive applications
   (KSZ9031RNXUA, KSZ9031RNXVA) (Continue ...)

Applications
• Laser/network printer
• Network attached storage (NAS)
• Network server
• Gigabit LAN on motherboard (GLOM)
• Broadband gateway
• Gigabit SOHO/SMB router
• IPTV
• IP set-top box
• Game console
• Triple-play (data, voice, video) media center
• Media converter




Similar Part No. - KSZ9031RN

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
KSZ9031RN MICREL-KSZ9031RN Datasheet
1Mb / 67P
Shortform Catalog
KSZ9031RNX MICREL-KSZ9031RNX Datasheet
973Kb / 75P
Gigabit Ethernet Transceiver with RGMII Support
logo
Microchip Technology
KSZ9031RNX MICROCHIP-KSZ9031RNX Datasheet
854Kb / 78P
Gigabit Ethernet Transceiver with RGMII Support
06/23/16
KSZ9031RNX MICROCHIP-KSZ9031RNX Datasheet
866Kb / 81P
Gigabit Ethernet Transceiver with RGMII Support
DS00002117J (04-26-22)
logo
Micrel Semiconductor
KSZ9031RNX-EVAL MICREL-KSZ9031RNX-EVAL Datasheet
973Kb / 75P
Gigabit Ethernet Transceiver with RGMII Support
More results


Similar Description - KSZ9031RN

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC1402 SEMTECH-SC1402 Datasheet
270Kb / 18P
Multi-Output, Low-Noise Power Supply Controller for Notebook Computers
logo
Maxim Integrated Produc...
MAX1630 MAXIM-MAX1630 Datasheet
237Kb / 28P
Multi-Output, Low-Noise Power-Supply Controllers for Notebook Computers
19-0480; Rev 3; 4/97
MAX1901 MAXIM-MAX1901 Datasheet
649Kb / 33P
500kHz Multi-Output, Low-Noise Power-Supply Controllers for Notebook Computers
Rev 3; 12/03
logo
Motorola, Inc
MC33394 MOTOROLA-MC33394 Datasheet
408Kb / 44P
MULTI OUTPUT POWER SUPPLY
logo
IRC - a TT electronics ...
HFR-PAT3042PLF-50R0-00-B IRCTT-HFR-PAT3042PLF-50R0-00-B Datasheet
276Kb / 2P
High Power Flanged Attenuators
logo
Maxim Integrated Produc...
MAX1630 MAXIM-MAX1630_05 Datasheet
288Kb / 29P
Multi-Output, Low-Noise Power-Supply Controllers for Notebook Computers
Rev 4; 8/05
logo
Texas Instruments
TPS54120 TI1-TPS54120 Datasheet
1Mb / 31P
Low-Noise, 1-A Power Supply
logo
Maxim Integrated Produc...
MAX1632AEAI MAXIM-MAX1632AEAI Datasheet
288Kb / 29P
Multi-Output, Low-Noise Power-Supply Controllers for Notebook Computers
Rev 1; 8/05
logo
Texas Instruments
TPS43340-Q1 TI1-TPS43340-Q1_15 Datasheet
1Mb / 44P
Quad-Output Power Supply
logo
Maxim Integrated Produc...
MAX1630A MAXIM-MAX1630A Datasheet
288Kb / 29P
Multi-Output, Low-Noise Power-Supply Controllers for Notebook Computers
19-3518; Rev 1; 8/05
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com