| Manufacturer | Part # | Datasheet | Description |
 Maxim Integrated Produc... |
MAX5174
|
255Kb / 16P |
Low-Power, Serial, 12-Bit DACs with Voltage Output
Rev 0; 4/99 |
|
MAX531
|
207Kb / 16P |
5V, Low-Power, Voltage-Output, Serial 12-Bit DACs
Rev 6; 2/97 |
|
MAX5352
|
197Kb / 16P |
Low-Power, 12-Bit Voltage-Output DACs with Serial Interface
Rev 0; 2/97 |
|
MX7545A
|
516Kb / 12P |
CMOS 12-Bit Buffered Multiplying DACs
19-0878; Rev 1; 8/96 |
|
MAX5533
|
1Mb / 24P |
Dual, Ultra-Low-Power, 12-Bit, Voltage-Output DACs
Rev 0; 12/03 |
|
MAX5530
|
1,010Kb / 19P |
ULTRA-LOW POWER, 12-BIT, VOLTAGE-OUTPUT DACS
Rev 0; 1/04 |
|
MAX5138
|
360Kb / 17P |
Low-Power, Single, 16-/12-Bit, Buffered Voltage-Output DACs
Rev 1; 4/09 |
|
MAX5138
|
483Kb / 17P |
Low-Power, Single, 16-/12-Bit, Buffered Voltage-Output DACs
Rev 2; 10/12 |
|
MAX7645
|
519Kb / 12P |
CMOS 12-Bit Buffered Multiplying DACs
19-0878; Rev 1; 8/96 |
|
MAX5532
|
4Mb / 26P |
Dual, Ultra-Low-Power, 12-Bit, Voltage-Output DACs
2021 |