Electronic Components Datasheet Search
  English  ▼

X  

KBJ4005G Datasheet (PDF) - America Semiconductor, LLC

KBJ4005G Datasheet PDF - America Semiconductor, LLC
Part # KBJ4005G
Download  KBJ4005G Download
File Size   650.77 Kbytes
Page   2 Pages
Manufacturer  AMERICASEMI [America Semiconductor, LLC]
Direct Link  http://americasemi.com
Logo AMERICASEMI - America Semiconductor, LLC
Description BRIDGE RECTIFIERS

KBJ4005G Datasheet (PDF)

Go To PDF Page Download Datasheet
KBJ4005G Datasheet PDF - America Semiconductor, LLC

Part # KBJ4005G
Download  KBJ4005G Click to download

File Size   650.77 Kbytes
Page   2 Pages
Manufacturer  AMERICASEMI [America Semiconductor, LLC]
Direct Link  http://americasemi.com
Logo AMERICASEMI - America Semiconductor, LLC
Description BRIDGE RECTIFIERS

KBJ4005G Datasheet (HTML) - America Semiconductor, LLC


KBJ4005G Product details

Features
• Plastic material has Underwriters Laboratory
   Flammability Classification 94V-0
• Types from 50 V to 400 V VRRM
• Ideal for printed circuit board
• Surge overload rating to 120 Amperes peak
• High temperature soldering suaranteed: 250°C/ 10
   seconds
• Reliable, low cost construction




Similar Part No. - KBJ4005G

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
KBJ4005G DIODES-KBJ4005G Datasheet
53Kb / 2P
4.0A GLASS PASSIVATED BRIDGE RECTIFIER
DS21206 Rev. F-2
logo
Fuji Electric
KBJ4005G FUJI-KBJ4005G Datasheet
751Kb / 1P
4 AMP GLASS PASSIVATED SILICON BRIDGE RECTIFIER
logo
Diodes Incorporated
KBJ4005G DIODES-KBJ4005G Datasheet
71Kb / 3P
4.0A GLASS PASSIVATED BRIDGE RECTIFIER
DS21206 Rev. 9 - 2
logo
MIC GROUP RECTIFIERS
KBJ4005G MIC-KBJ4005G Datasheet
64Kb / 2P
SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIER
logo
CHENG-YI ELECTRONIC CO....
KBJ4005G CHENG-YI-KBJ4005G Datasheet
103Kb / 2P
SINGLE-PHASE SILICON BRIDGE
More results


Similar Description - KBJ4005G

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
VJ248M MICROSEMI-VJ248M Datasheet
89Kb / 2P
Bridge Rectifiers
logo
List of Unclassifed Man...
MP610 ETC1-MP610 Datasheet
80Kb / 1P
BRIDGE RECTIFIERS
logo
Semikron International
CS10S SEMIKRON-CS10S Datasheet
200Kb / 2P
Bridge rectifiers
logo
Fairchild Semiconductor
2KBP005M FAIRCHILD-2KBP005M Datasheet
42Kb / 3P
Bridge Rectifiers
2KBP005M FAIRCHILD-2KBP005M_10 Datasheet
109Kb / 3P
Bridge Rectifiers
DF005S FAIRCHILD-DF005S_10 Datasheet
121Kb / 3P
Bridge Rectifiers
MB1S FAIRCHILD-MB1S_09 Datasheet
173Kb / 3P
Bridge Rectifiers
logo
Dongguan City Niuhang E...
KBL4005 NIUHANG-KBL4005 Datasheet
4Mb / 5P
BRIDGE RECTIFIERS
logo
Guangdong Juxing Electr...
GBJ35005 JUXING-GBJ35005 Datasheet
950Kb / 2P
BRIDGE RECTIFIERS
GBU6005G JUXING-GBU6005G Datasheet
1Mb / 2P
BRIDGE RECTIFIERS
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com