Electronic Components Datasheet Search
  English  ▼

X  

PT6653R Datasheet (PDF) - Texas Instruments

PT6653R Datasheet PDF - Texas Instruments
Part # PT6653R
Download  PT6653R Download
File Size   351.1 Kbytes
Page   16 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description Single Device: 5-A Output Input Voltage Range: 9 V to 28 V 12 V / 24 V Input Compatible

PT6653R Datasheet (PDF)

Go To PDF Page Download Datasheet
PT6653R Datasheet PDF - Texas Instruments

Part # PT6653R
Download  PT6653R Click to download

File Size   351.1 Kbytes
Page   16 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description Single Device: 5-A Output Input Voltage Range: 9 V to 28 V 12 V / 24 V Input Compatible

PT6653R Datasheet (HTML) - Texas Instruments




Similar Part No. - PT6653R

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PT6653 TI-PT6653 Datasheet
242Kb / 5P
5 AMP 24V INPUT INTEGRATED SWITCHING REGULATOR
PT6653 TI1-PT6653 Datasheet
373Kb / 16P
5-A 12 /24-V Input Adjustable Integrated Switching Regulator
More results


Similar Description - PT6653R

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
0RCY-60T BEL-0RCY-60T Datasheet
433Kb / 12P
ISOLATED DC/DC CONVERTERS 48 V Input 1.2 V - 3.3 V/15 A, 5 V/12 A, 12 V/5 A Output, 1/8 Brick
X7AH-03L1A0 BEL-X7AH-03L1A0 Datasheet
142Kb / 6P
NON-ISOLATED DC/DC CONVERTERS 5 V-24 V Input 0.9 V-3.3 V/3 A Output
logo
Texas Instruments
UCC25230 TI1-UCC25230 Datasheet
859Kb / 21P
12-V to 100-V Input, 0.2-A Output Switching Converter
TPS55340EVM-017 TI1-TPS55340EVM-017 Datasheet
783Kb / 21P
TPS55340EVM-017, 5-V to 12-V Input, 24-V Output Boost Evaluation Module
logo
Fairchild Semiconductor
FPF1048BUCX FAIRCHILD-FPF1048BUCX Datasheet
405Kb / 3P
Input Voltage Operating Range: 1.5 V to 5.5 V
logo
Texas Instruments
PT5406A TI-PT5406A Datasheet
293Kb / 16P
Fully Functional SWIFT Module Single-Device: 5 V/3.3 V Input DSP Compatible
UCC25230 TI1-UCC25230_14 Datasheet
1Mb / 22P
12-V to 100-V Input, 0.2-A Output Switching Converter
UCC25230 TI-UCC25230_15 Datasheet
1Mb / 21P
12-V to 100-V Input, 0.2-A Output Switching Converter
TPSM84209 TI1-TPSM84209 Datasheet
660Kb / 30P
4.5-V to 28-V Input, 1.2-V to 6-V Output, 2.5-A Power Module
TPSM84209 TI1-TPSM84209_19 Datasheet
1Mb / 36P
4.5-V to 28-V Input, 1.2-V to 6-V Output, 2.5-A Power Module
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com