Electronic Components Datasheet Search
  English  ▼

X  

PT5402 Datasheet (PDF) - Texas Instruments

PT5402 Datasheet PDF - Texas Instruments
Part # PT5402
Download  PT5402 Download
File Size   293.89 Kbytes
Page   16 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description Fully Functional SWIFT Module Single-Device: 5 V/3.3 V Input DSP Compatible

PT5402 Datasheet (PDF)

Go To PDF Page Download Datasheet
PT5402 Datasheet PDF - Texas Instruments

Part # PT5402
Download  PT5402 Click to download

File Size   293.89 Kbytes
Page   16 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description Fully Functional SWIFT Module Single-Device: 5 V/3.3 V Input DSP Compatible

PT5402 Datasheet (HTML) - Texas Instruments




Similar Part No. - PT5402

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PT5402 TI-PT5402 Datasheet
315Kb / 16P
6-A 5-V/3.3-V Input Adjustable SWIFT Power Module
PT5402 TI-PT5402 Datasheet
274Kb / 15P
Fully Functional SWIFT Module Single-Device: 5 V/3.3 V Input
PT5402 TI-PT5402 Datasheet
274Kb / 15P
Fully Functional SWIFT Module Single-Device: 5 V/3.3 V Input
More results


Similar Description - PT5402

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PT5406 TI-PT5406 Datasheet
315Kb / 16P
6-A 5-V/3.3-V Input Adjustable SWIFT Power Module
TPS51313 TI-TPS51313 Datasheet
1Mb / 19P
5-V Input or 3.3-V Input, 3-A, Fully Integrated Converter
logo
Analog Devices
ADCMP573BCPZ-R2 AD-ADCMP573BCPZ-R2 Datasheet
410Kb / 16P
Ultrafast 3.3 V/5 V Single-Supply SiGe Comparators
REV. A
logo
Texas Instruments
PT6653E TI-PT6653E Datasheet
351Kb / 16P
Single Device: 5-A Output Input Voltage Range: 9 V to 28 V 12 V / 24 V Input Compatible
logo
Analog Devices
AD7943BRZ AD-AD7943BRZ Datasheet
221Kb / 16P
3.3 V/5 V Multiplying 12-Bit DACs
REV. B
logo
Texas Instruments
PT5401A TI-PT5401A Datasheet
274Kb / 15P
Fully Functional SWIFT Module Single-Device: 5 V/3.3 V Input
PT5401C TI-PT5401C Datasheet
274Kb / 15P
Fully Functional SWIFT Module Single-Device: 5 V/3.3 V Input
TPS51313 TI-TPS51313_15 Datasheet
1Mb / 20P
5-V Input or 3.3-V Input, 3-A, Fully Integrated Converter
logo
Sanken electric
SLA6845MZ SANKEN-SLA6845MZ_15 Datasheet
702Kb / 12P
CMOS-compatible input (3.3 or 5 V)
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com