Electronic Components Datasheet Search
  English  ▼

X  

RC0805 Datasheet (PDF) - YAGEO Corporation

RC0805 Datasheet PDF - YAGEO Corporation
Part # RC0805
Download  RC0805 Download
File Size   383.03 Kbytes
Page   8 Pages
Manufacturer  YAGEO [YAGEO Corporation]
Direct Link  http://www.yageo.com
Logo YAGEO - YAGEO Corporation
Description HIGH OHMIC CHIP RESISTORS RC high ohmic series

RC0805 Datasheet (PDF)

Go To PDF Page Download Datasheet
RC0805 Datasheet PDF - YAGEO Corporation

Part # RC0805
Download  RC0805 Click to download

File Size   383.03 Kbytes
Page   8 Pages
Manufacturer  YAGEO [YAGEO Corporation]
Direct Link  http://www.yageo.com
Logo YAGEO - YAGEO Corporation
Description HIGH OHMIC CHIP RESISTORS RC high ohmic series

RC0805 Datasheet (HTML) - YAGEO Corporation


RC0805 Product details

SCOPE
This specification describes RC0805 series chip resistors with lead-free terminations made by thick film process.

FEATURES
● Halogen Free Epoxy
● RoHS compliant
    - Products with lead free terminations meet RoHS requirements
    - Pb-glass contained in electrodes, resistor element and glass are exempted by RoHS
● Reducing environmentally hazardous wastes
● High component and equipment reliability
● Saving of PCB space
● None forbidden-materials used in products/production

APPLICATIONS
● All general purpose application




Similar Part No. - RC0805

ManufacturerPart #DatasheetDescription
logo
TAITRON Components Inco...
RC0805 TAITRON-RC0805 Datasheet
548Kb / 7P
Thick Film Chip Resistor General Purpose
logo
Silicon Laboratories
RC0805 SILABS-RC0805 Datasheet
671Kb / 38P
Low-power sleep mode On-hook transmission Loop or ground start operation Smooth polarity reversal
logo
YAGEO Corporation
RC0805 YAGEO-RC0805 Datasheet
228Kb / 10P
GENERAL PURPOSE CHIP RESISTORS
RC0805 YAGEO-RC0805 Datasheet
223Kb / 10P
GENERAL PURPOSE CHIP RESISTORS
RC0805 YAGEO-RC0805 Datasheet
546Kb / 10P
Chip Resistor Surface Mount
May. 11, 2022 V.4
More results


Similar Description - RC0805

ManufacturerPart #DatasheetDescription
logo
YAGEO Corporation
442941 YAGEO-442941 Datasheet
383Kb / 8P
HIGH OHMIC CHIP RESISTORS
RC0805JR-07330RL YAGEO-RC0805JR-07330RL Datasheet
383Kb / 8P
HIGH OHMIC CHIP RESISTORS
RC0805JR-0747KL YAGEO-RC0805JR-0747KL Datasheet
388Kb / 8P
HIGH OHMIC CHIP RESISTORS RC high ohmic series 20%, 10%, 5% sizes 0805/1206 RoHS compliant
RC0805JR-075K6L YAGEO-RC0805JR-075K6L Datasheet
383Kb / 8P
HIGH OHMIC CHIP RESISTORS RC high ohmic series
RC0805JR-0727KL YAGEO-RC0805JR-0727KL Datasheet
383Kb / 8P
HIGH OHMIC CHIP RESISTORS
RC0805JR-07470KL YAGEO-RC0805JR-07470KL Datasheet
388Kb / 8P
HIGH OHMIC CHIP RESISTORS
RL0805FR-7W0R022L YAGEO-RL0805FR-7W0R022L Datasheet
439Kb / 8P
LOW OHMIC HIGH POWER CHIP RESISTORS
RC0805JR-071KL YAGEO-RC0805JR-071KL Datasheet
383Kb / 8P
HIGH OHMIC CHIP RESISTORS
RC0805JR-07100ML YAGEO-RC0805JR-07100ML Datasheet
383Kb / 8P
HIGH OHMIC CHIP RESISTORS RC high ohmic series
logo
WALSIN TECHNOLOGY CORPO...
WW08P WALSIN-WW08P Datasheet
239Kb / 7P
High Power Low Ohmic Chip Resistors
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com