Electronic Components Datasheet Search
  English  ▼

X  

1911907 Datasheet (PDF) - PHOENIX CONTACT

1911907 Datasheet PDF - PHOENIX CONTACT
Part # 1911907
Download  1911907 Download
File Size   683.55 Kbytes
Page   13 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description COMBICON Plugs and Headers as a high current (HC) Version for Currents up to 16 A

1911907 Datasheet (PDF)

Go To PDF Page Download Datasheet
1911907 Datasheet PDF - PHOENIX CONTACT

Part # 1911907
Download  1911907 Click to download

File Size   683.55 Kbytes
Page   13 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description COMBICON Plugs and Headers as a high current (HC) Version for Currents up to 16 A

1911907 Datasheet (HTML) - PHOENIX CONTACT




Similar Part No. - 1911907

ManufacturerPart #DatasheetDescription
logo
MolexKits
19119-0004 MOLEXKITS-19119-0004 Datasheet
40Kb / 4P
Assorted Non-Insulated and PVC Insulated Quick Disconnect, Ring, Spade and Butt
19119-0004 MOLEXKITS-19119-0004 Datasheet
38Kb / 2P
Assorted Non-Insulated and PVC Insulated Quick Disconnect, Ring, Spade and Butt Splice Terminals
19119-0004 MOLEXKITS-19119-0004 Datasheet
46Kb / 3P
Assorted PVC Insulated Quick Disconnect, Ring, Spade and Butt Splice Terminals.
logo
Festo Corporation.
1911916 FESTO-1911916 Datasheet
81Kb / 1P
Interface
1911917 FESTO-1911917 Datasheet
80Kb / 1P
Interface
More results


Similar Description - 1911907

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
42903 MACOM-42903 Datasheet
168Kb / 2P
Power PCB Relay 1 pole 10 A, for inrush peak currents up to 80 A
logo
Fairchild Semiconductor
2N4401BU FAIRCHILD-2N4401BU Datasheet
98Kb / 7P
This device is designed for use as a medium power amplifier and switch requiring collector currents up to 500 mA
2N4401TA FAIRCHILD-2N4401TA Datasheet
98Kb / 7P
This device is designed for use as a medium power amplifier and switch requiring collector currents up to 500 mA.
logo
TE Connectivity Ltd
RP3SL TEC-RP3SL Datasheet
287Kb / 3P
For high inrush currents up to 120A
V23005 TEC-V23005 Datasheet
775Kb / 4P
Contacts for signal loads and currents up to 5A
logo
PHOENIX CONTACT
REL-MR-110DC PHOENIX-REL-MR-110DC Datasheet
111Kb / 5P
Switching current of up to 16 A
1414777 PHOENIX-1414777 Datasheet
116Kb / 5P
High-performance: DC connectors for up to 16 A and 63 V DC
1414802 PHOENIX-1414802 Datasheet
117Kb / 5P
High-performance: DC connectors for up to 16 A and 63 V DC
2907428 PHOENIX-2907428 Datasheet
69Kb / 5P
Housing set upper part, complete with COMBICON headers and screw plugs for full equipping.
2907444 PHOENIX-2907444 Datasheet
72Kb / 4P
Housing upper part, complete with 4 pairs of COMBICON headers and plugs
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com