Electronic Components Datasheet Search
  English  ▼

X  

AK4382VT Datasheet (PDF) - Asahi Kasei Microsystems

AK4382VT Datasheet PDF - Asahi Kasei Microsystems
Part # AK4382VT
Download  AK4382VT Download
File Size   251.66 Kbytes
Page   21 Pages
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems
Description 112dB 192kHz 24-BIT SCH DAC

AK4382VT Datasheet (PDF)

Go To PDF Page Download Datasheet
AK4382VT Datasheet PDF - Asahi Kasei Microsystems

Part # AK4382VT
Download  AK4382VT Click to download

File Size   251.66 Kbytes
Page   21 Pages
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems
Description 112dB 192kHz 24-BIT SCH DAC

AK4382VT Datasheet (HTML) - Asahi Kasei Microsystems


AK4382VT Product details

GENERAL DESCRIPTION
The AK4382 offers the perfect mix for cost and performance based audio systems. Using AKMs multi bit architecture for its modulator the AK4382 delivers a wide dynamic range while preserving linearity for improved THD+N performance. The AK4382 has full differential SCF outputs, removing the need for AC coupling capacitors and increasing performance for systems with excessive clock jitter. The 24 Bit word length and 192kHz sampling rate make this part ideal for a wide range of applications including DVDAudio. The AK4382 is offered in a space saving 16pin TSSOP package.

FEATURES
□ Sampling Rate Ranging from 8kHz to 192kHz
□ 128 times Oversampling (Normal Speed Mode)
□ 64 times Oversampling (Double Speed Mode)
□ 32 times Oversampling (Quad Speed Mode)
□ 24-Bit 8 times FIR Digital Filter
□ On chip SCF
□ Digital de-emphasis for 32k, 44.1k and 48kHz sampling
□ Soft mute
□ Digital Attenuator (256 steps)
□ I/F format: 24-Bit MSB justified, 24/20/16-Bit LSB justified or I2S
□ Master clock: 256fs, 384fs, 512fs or 768fs (Normal Speed Mode)
    128fs, 192fs, 256fs or 384fs (Double Speed Mode)
    128fs, 192fs (Quad Speed Mode)
□ THD+N: -94dB
□ Dynamic Range: 112dB
□ High Tolerance to Clock Jitter
□ Power supply: 4.75 to 5.25V
□ Very Small Package: 16pin TSSOP (6.4mm x 5.0mm)




Similar Part No. - AK4382VT

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK4382 AKM-AK4382 Datasheet
409Kb / 26P
EVALUATION BOARD REV.A FOR AK4382
AK4382A AKM-AK4382A Datasheet
246Kb / 21P
112dB 192kHz 24-Bit 2ch DAC
AK4382A AKM-AK4382A Datasheet
184Kb / 21P
112dB 192kHz 24-Bit 2ch DS DAC
AK4382AVT AKM-AK4382AVT Datasheet
184Kb / 21P
112dB 192kHz 24-Bit 2ch DS DAC
More results


Similar Description - AK4382VT

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM8729 WOLFSON-WM8729 Datasheet
169Kb / 15P
24-bit, 192kHz Stereo DAC
logo
Advanced Linear Devices
ALD555 ALD-ALD555 Datasheet
35Kb / 4P
112dB 192kHz 24-BIT SCH DAC
logo
Advanced Micro Devices
AM27C128 AMD-AM27C128 Datasheet
171Kb / 12P
112dB 192kHz 24-BIT SCH DAC
logo
Asahi Kasei Microsystem...
AK4382A AKM-AK4382A Datasheet
246Kb / 21P
112dB 192kHz 24-Bit 2ch DAC
logo
Wolfson Microelectronic...
WM8726 WOLFSON-WM8726 Datasheet
228Kb / 20P
24-bit 192kHz Stereo DAC
WM8727 WOLFSON-WM8727_06 Datasheet
156Kb / 16P
24-bit 192kHz Stereo DAC
WM8729 WOLFSON-WM8729_06 Datasheet
222Kb / 18P
24-bit, 192kHz Stereo DAC
WM8762 WOLFSON-WM8762_06 Datasheet
164Kb / 15P
24-bit 192kHz Stereo DAC
logo
Asahi Kasei Microsystem...
AK4382AVT AKM-AK4382AVT Datasheet
184Kb / 21P
112dB 192kHz 24-Bit 2ch DS DAC
logo
Cirrus Logic
WM8761 CIRRUS-WM8761 Datasheet
173Kb / 23P
24-bit 192kHz Stereo DAC
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com