Electronic Components Datasheet Search
  English  ▼

X  

AIC2951 Datasheet (PDF) - Analog Intergrations Corporation

AIC2951 Datasheet PDF - Analog Intergrations Corporation
Part # AIC2951
Download  AIC2951 Download
File Size   153.86 Kbytes
Page   10 Pages
Manufacturer  AIC [Analog Intergrations Corporation]
Direct Link  http://www.analog.com.tw
Logo AIC - Analog Intergrations Corporation
Description Low Dropout Linear Regulator

AIC2951 Datasheet (PDF)

Go To PDF Page Download Datasheet
AIC2951 Datasheet PDF - Analog Intergrations Corporation

Part # AIC2951
Download  AIC2951 Click to download

File Size   153.86 Kbytes
Page   10 Pages
Manufacturer  AIC [Analog Intergrations Corporation]
Direct Link  http://www.analog.com.tw
Logo AIC - Analog Intergrations Corporation
Description Low Dropout Linear Regulator

AIC2951 Datasheet (HTML) - Analog Intergrations Corporation


AIC2951 Product details

DESCRIPTION

The AIC2951/ 2951D series is the enhanced CMOS version of the LP2951. The superior char acteristics of the AIC2951/ 2951D series include zero base current loss, very low dropout voltage, and 1% accuracy output voltage. Typical ground current remains approximately 55mA, from no load to maximum loading conditions. Dropout voltage at 100mA output current is significantly lower than its bipolar counterpart: 130mV for the AIC2951-50/2951D-50, 180mV for the AIC2951-

33/ 2951D-33, and 200mV for the AIC2951-30/2951D-30. Output current limiting and thermal limiting are built in to provide maximal protection to the AIC2951/2951D series from fault conditions.



FEATURES

Low Dropout Voltage of 130mV at 100mA Output Current (AIC2951/2951D-50).

Guaranteed 150mA /300mA Output Current.

Internal 1.3W P-MOSFET Draws no Base Current.

Low Ground Current at 55mA.

1% Accuracy Output of 3V/3.3V/5V.

Error Flag Warns of Output Dropout.

1mA Supply Current in Shutdown Mode.

Output Programmable from 1.235V~11V.

Fast Transient Response.

Needs only 1mF for Stability.

Current and Thermal Limiting.



APPLICATIONS

Voltage Regulator for PentiumÒ CPUs.

Wireless Communication System.

Battery Powered Systems.




Similar Part No. - AIC2951

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC2003 AIC-AIC2003 Datasheet
67Kb / 4P
7-CHANNEL DARLINGTON DRIVERS
AIC2003CN AIC-AIC2003CN Datasheet
67Kb / 4P
7-CHANNEL DARLINGTON DRIVERS
AIC2300 AIC-AIC2300 Datasheet
202Kb / 10P
400mA Synchronous PWM Step-Down
AIC2300-10GV5 AIC-AIC2300-10GV5 Datasheet
202Kb / 10P
400mA Synchronous PWM Step-Down
AIC2300-12GV5 AIC-AIC2300-12GV5 Datasheet
202Kb / 10P
400mA Synchronous PWM Step-Down
More results


Similar Description - AIC2951

ManufacturerPart #DatasheetDescription
logo
Ceramate Technical
CP1117 CERAMATE-CP1117 Datasheet
444Kb / 12P
Low Dropout Linear Regulator
logo
Texas Instruments
TPS71525-DIE TI1-TPS71525-DIE Datasheet
62Kb / 4P
LOW-DROPOUT LINEAR REGULATOR
logo
Analog Devices
ADP3308 AD-ADP3308_15 Datasheet
128Kb / 8P
Low Dropout Linear Regulator
REV. B
logo
Guangdong Kexin Industr...
KS1117 KEXIN-KS1117 Datasheet
1,018Kb / 3P
Low Dropout Linear Regulator
logo
ON Semiconductor
NCV8674 ONSEMI-NCV8674_11 Datasheet
157Kb / 11P
Low Dropout Linear Regulator
October, 2011 ??Rev. 3
logo
Diodes Incorporated
AZ1117C DIODES-AZ1117C Datasheet
839Kb / 23P
LOW DROPOUT LINEAR REGULATOR
Rev 4
logo
DONGGUAN YOU FENG WEI E...
AMS1117-X.X YFWDIODE-AMS1117-X.X Datasheet
820Kb / 4P
Low Dropout Linear Regulator
logo
Shenzhen Huazhimei Semi...
AMS1117 HMSEMI-AMS1117 Datasheet
675Kb / 10P
low-dropout linear regulator.
logo
Diodes Incorporated
AZ2117 DIODES-AZ2117 Datasheet
355Kb / 9P
LOW DROPOUT LINEAR REGULATOR
July 2017
logo
BCD Semiconductor Manuf...
AZ1117B BCDSEMI-AZ1117B_V01 Datasheet
527Kb / 23P
LOW DROPOUT LINEAR REGULATOR
Jul. 2009 Rev. 1. 8
More results




About Analog Intergrations Corporation


Analog Integrations Corporation (AIC) is a semiconductor company that specializes in the design and manufacture of analog and mixed-signal integrated circuits (ICs). The company was founded in 1997 and is headquartered in Hsinchu, Taiwan.

AIC's product portfolio includes a wide range of analog ICs, such as voltage regulators, DC-DC converters, power management ICs, and LED drivers. These products are used in a variety of applications, including automotive, industrial, communication, and consumer electronics.

One of AIC's main areas of expertise is in the design of high-efficiency power management ICs. The company's DC-DC converters and voltage regulators are known for their high efficiency, low power consumption, and small size, making them well-suited to battery-powered applications.

In addition to its standard product offerings, AIC also offers custom design services, working closely with customers to develop ICs that meet their specific needs. The company has a strong focus on research and development, investing heavily in new technologies and design methodologies to stay at the forefront of the industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com