Electronic Components Datasheet Search
  English  ▼

X  

2SK184 Datasheet (PDF) - Toshiba Semiconductor

2SK184 Datasheet PDF - Toshiba Semiconductor
Part # 2SK184
Download  2SK184 Download
File Size   320.69 Kbytes
Page   4 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description Low Noise Audio Amplifier Applications

2SK184 Datasheet (PDF)

Go To PDF Page Download Datasheet
2SK184 Datasheet PDF - Toshiba Semiconductor

Part # 2SK184
Download  2SK184 Click to download

File Size   320.69 Kbytes
Page   4 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description Low Noise Audio Amplifier Applications

2SK184 Datasheet (HTML) - Toshiba Semiconductor


2SK184 Product details

Low Noise Audio Amplifier Applications

•  High |Yfs|: |Yfs| = 15 mS (typ.) (VDS= 10 V, VGS= 0)
•  High breakdown voltage: VGDS= −50 V
•  Low noise: NF = 1.0dB (typ.)
                     (VDS= 10 V, ID= 0.5 mA, f = 1 kHz, RG= 1 kΩ)
•  High input impedance: IGSS= −1 nA (max) (VGS= −30 V)
•  Small package




Similar Part No. - 2SK184

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SK184 TOSHIBA-2SK184 Datasheet
200Kb / 3P
N CHANNEL JUNCTION TYPE (LOW NOISE AUDIO AMPLIFIER APPLICATIONS)
2SK184 TOSHIBA-2SK184 Datasheet
580Kb / 4P
Silicon N Channel Junction Type Low Noise Audio Amplifier Applications
2SK184 TOSHIBA-2SK184 Datasheet
295Kb / 4P
TOSHIBA Field Effect Transistor Silicon N Channel Junction Type
2SK184 TOSHIBA-2SK184 Datasheet
134Kb / 1P
MINI PACKAGE SERIES
2SK184-GRTPE4 TOSHIBA-2SK184-GRTPE4 Datasheet
295Kb / 4P
TOSHIBA Field Effect Transistor Silicon N Channel Junction Type
More results


Similar Description - 2SK184

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SJ74 TOSHIBA-2SJ74_07 Datasheet
663Kb / 5P
Low Noise Audio Amplifier Applications
2SJ108 TOSHIBA-2SJ108_07 Datasheet
647Kb / 5P
Low Noise Audio Amplifier Applications
2SA970 TOSHIBA-2SA970_07 Datasheet
629Kb / 4P
Low Noise Audio Amplifier Applications
logo
New Jersey Semi-Conduct...
2SA970 NJSEMI-2SA970 Datasheet
66Kb / 1P
LOW NOISE AUDIO AMPLIFIER APPLICATIONS
logo
Toshiba Semiconductor
2SA970-BL TOSHIBA-2SA970-BL Datasheet
267Kb / 4P
Low Noise Audio Amplifier Applications
2SK170-GR TOSHIBA-2SK170-GR Datasheet
320Kb / 5P
Low Noise Audio Amplifier Applications
2SK170-V TOSHIBA-2SK170-V Datasheet
320Kb / 5P
Low Noise Audio Amplifier Applications
2SC2240-GR TOSHIBA-2SC2240-GR Datasheet
314Kb / 5P
Low Noise Audio Amplifier Applications
2SK170-BL TOSHIBA-2SK170-BL Datasheet
345Kb / 5P
Low Noise Audio Amplifier Applications
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com