Electronic Components Datasheet Search
  English  ▼

X  

2SA1162 Datasheet (PDF) - Toshiba Semiconductor

2SA1162 Datasheet PDF - Toshiba Semiconductor
Part # 2SA1162
Download  2SA1162 Download
File Size   178.67 Kbytes
Page   3 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description TOSHIBA Transistor Silicon PNP Epitaxial Type (PCT process)

2SA1162 Datasheet (PDF)

Go To PDF Page Download Datasheet
2SA1162 Datasheet PDF - Toshiba Semiconductor

Part # 2SA1162
Download  2SA1162 Click to download

File Size   178.67 Kbytes
Page   3 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description TOSHIBA Transistor Silicon PNP Epitaxial Type (PCT process)

2SA1162 Datasheet (HTML) - Toshiba Semiconductor


2SA1162 Product details

Audio Frequency General Purpose Amplifier Applications

•  High voltage and high current: VCEO= −50 V, IC= −150 mA (max)
•  Excellent hFElinearity:  hFE(IC= −0.1 mA)/hFE(IC= −2 mA)  
                                         = 0.95 (typ.)
•  High hFE: hFE= 70~400
•  Low noise: NF = 1dB (typ.), 10dB (max)
•  Complementary to 2SC2712
•  Small package




Similar Part No. - 2SA1162

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SA1162 TOSHIBA-2SA1162 Datasheet
153Kb / 2P
TRANSISTOR (AUDIO FREQUENCY GENERAL PURPOSE AMPLIFIER APPLICATIONS)
logo
TRANSYS Electronics Lim...
2SA1162 TEL-2SA1162 Datasheet
69Kb / 1P
Plastic-Encapsulated Transistors
logo
Toshiba Semiconductor
2SA1162 TOSHIBA-2SA1162 Datasheet
391Kb / 3P
Audio Frequency General Purpose Amplifier Applications
logo
Galaxy Semi-Conductor H...
2SA1162 BILIN-2SA1162 Datasheet
270Kb / 4P
Silicon Epitaxial Planar Transistor
Rev.A
logo
Toshiba Semiconductor
2SA1162 TOSHIBA-2SA1162 Datasheet
104Kb / 3P
Audio Frequency General Purpose Amplifier Applications
More results


Similar Description - 2SA1162

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
RN4602 TOSHIBA-RN4602 Datasheet
329Kb / 5P
TOSHIBA Transistor Silicon PNP Epitaxial Type (PCT Process) Silicon NPN Epitaxial Type (PCT Process)
RN4607 TOSHIBA-RN4607 Datasheet
161Kb / 5P
TOSHIBA Transistor Silicon PNP Epitaxial Type (PCT Process) Silicon NPN Epitaxial Type (PCT Process)
RN4911 TOSHIBA-RN4911 Datasheet
177Kb / 6P
TOSHIBA Transistor Silicon PNP Epitaxial Type (PCT Process) Silicon NPN Epitaxial Type (PCT Process)
RN4605 TOSHIBA-RN4605 Datasheet
163Kb / 5P
TOSHIBA Transistor Silicon PNP Epitaxial Type (PCT Process) Silicon NPN Epitaxial Type (PCT Process)
RN4608 TOSHIBA-RN4608 Datasheet
157Kb / 5P
TOSHIBA Transistor Silicon PNP Epitaxial Type (PCT Process) Silicon NPN Epitaxial Type (PCT Process)
RN4603 TOSHIBA-RN4603 Datasheet
166Kb / 5P
TOSHIBA Transistor Silicon PNP Epitaxial Type (PCT Process) Silicon NPN Epitaxial Type (PCT Process)
RN2967 TOSHIBA-RN2967 Datasheet
278Kb / 6P
TOSHIBA Transistor Silicon PNP Epitaxial Type (PCT Process)
2SA1015-YTPE2 TOSHIBA-2SA1015-YTPE2 Datasheet
196Kb / 3P
TOSHIBA Transistor Silicon PNP Epitaxial Type (PCT process)
2SA1241-O TOSHIBA-2SA1241-O Datasheet
189Kb / 5P
TOSHIBA Transistor Silicon PNP Epitaxial Type (PCT process)
2SA1832FV TOSHIBA-2SA1832FV Datasheet
208Kb / 3P
TOSHIBA Transistor Silicon PNP Epitaxial Type (PCT process)
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com