Electronic Components Datasheet Search
  English  ▼

X  

C8051F3201 Datasheet (PDF) - Silicon Laboratories

C8051F3201 Datasheet PDF - Silicon Laboratories
Part # C8051F3201
Download  C8051F3201 Download
File Size   1487.09 Kbytes
Page   250 Pages
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories
Description Full Speed USB, 16 k ISP FLASH MCU Family

C8051F3201 Datasheet (PDF)

Go To PDF Page Download Datasheet
C8051F3201 Datasheet PDF - Silicon Laboratories

Part # C8051F3201
Download  C8051F3201 Click to download

File Size   1487.09 Kbytes
Page   250 Pages
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories
Description Full Speed USB, 16 k ISP FLASH MCU Family

C8051F3201 Datasheet (HTML) - Silicon Laboratories


C8051F3201 Product details

Analog Peripherals
10-Bit ADC
    - ±1 LSB INL; no missing codes
    - Programmable throughput up to 200 ksps
    - Up to 13 external inputs; programmable as single-ended or differential
    - Built-in temperature sensor (±3 °C)
Two Comparators
Internal Voltage Reference: 2.4 V
POR/Brown-out Detector
USB Function Controller
    - USB specification 2.0 compliant
    - Full-speed (12 Mbps) or low-speed (1.5 Mbps) operation
    - Integrated clock recovery; no external crystal required for either fullspeed or low-speed operation
    - Supports eight flexible endpoints
    - Dedicated 1 kB USB buffer memory
    - Integrated transceiver; no external resistors required
On-Chip Debug
    - On-chip debug circuitry facilitates full speed, non-intrusive in-system debug (no emulator required)
    - Provides breakpoints, single stepping
    - Inspect/modify memory, registers, and USB memory
    - Superior performance to emulation systems using ICE-chips, target pods, and sockets
Operating Voltage: 2.7 to 5.25 V
Temperature Range: –40 to +85 °C
High-Speed 8051 µC Core
    - Pipelined instruction architecture; executes 70% of instructions in 1 or 2 system clocks
    - Up to 25 MIPS throughput with 25 MHz Clock
    - Expanded interrupt handler
Memory
    - 1280 bytes data RAM
    - 16 kB Flash; in-system programmable in 512-byte sectors (512 bytes are reserved)
Digital Peripherals
    - 21 port I/O; all are 5 V tolerant
    - Hardware SMBus™ (I2C™ compatible), SPI™, and UART serial ports available concurrently
    - Programmable 16-bit counter/timer array with five capture/compare modules
    - 4 general-purpose 16-bit counter/timers
Clock Sources
    - Internal oscillator: 0.25% accuracy with clock recovery enabled; supports all USB and UART modes
    - External oscillator: Crystal, RC, C, or Clock
    - On-chip clock multiplier for USB controller
Voltage Regulator
    - On-chip voltage regulator supports USB bus-powered operation
    - Regulator bypass mode supports USB self-powered operation
Package
    - 28-pin QFN (lead-free package)a-93619-pass




Similar Part No. - C8051F3201

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
C8051F320 ETC-C8051F320 Datasheet
3Mb / 256P
Full Speed USB, 16k ISP FLASH MCU Family
logo
Silicon Laboratories
C8051F320 SILABS-C8051F320 Datasheet
452Kb / 8P
USB DRIVER CUSTOMIZATION
C8051F320 SILABS-C8051F320 Datasheet
399Kb / 2P
On-chip debug circuity gacilitates full speed, non-intrusive in-system debug (no emulator required)
C8051F320 SILABS-C8051F320 Datasheet
1Mb / 251P
Full Speed USB, 16 k ISP FLASH MCU Family
C8051F320 SILABS-C8051F320 Datasheet
1Mb / 250P
Full Speed USB, 16 k ISP FLASH MCU Family
More results


Similar Description - C8051F3201

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
C8051F32X ETC-C8051F32X Datasheet
3Mb / 256P
Full Speed USB, 16k ISP FLASH MCU Family
C8051F326 ETC1-C8051F326 Datasheet
1Mb / 40P
Full Speed USB, 16 kB Flash MCU Family
C8051F340 ETC1-C8051F340 Datasheet
2Mb / 282P
Full Speed USB Flash MCU Family
logo
Silicon Laboratories
C8051F340_0608 SILABS-C8051F340_0608 Datasheet
2Mb / 288P
Full Speed USB Flash MCU Family
C8051F340-GQR SILABS-C8051F340-GQR Datasheet
1Mb / 276P
Full Speed USB Flash MCU Family
logo
List of Unclassifed Man...
C8051F327-GM ETC2-C8051F327-GM Datasheet
1Mb / 142P
Full Speed USB, 16 kB Flash MCU Family
logo
Silicon Laboratories
C8051F320 SILABS-C8051F320_09 Datasheet
1Mb / 251P
Full Speed USB, 16 k ISP FLASH MCU Family
C8051F326 SILABS-C8051F326_08 Datasheet
1Mb / 141P
Full Speed USB, 16 kB Flash MCU Family
C8051F320DK SILABS-C8051F320DK Datasheet
1Mb / 250P
Full Speed USB, 16 k ISP FLASH MCU Family
C8051F320 SILABS-C8051F320_V01 Datasheet
4Mb / 254P
Full Speed USB, 16 k ISP FLASH MCU Family
Rev. 1.4
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com