Electronic Components Datasheet Search
  English  ▼

X  

SMCJ48 Datasheet (PDF) - Diodes Incorporated

SMCJ48 Datasheet PDF - Diodes Incorporated
Part # SMCJ48
Download  SMCJ48 Download
File Size   123.98 Kbytes
Page   6 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 1500W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR

SMCJ48 Datasheet (PDF)

Go To PDF Page Download Datasheet
SMCJ48 Datasheet PDF - Diodes Incorporated

Part # SMCJ48
Download  SMCJ48 Click to download

File Size   123.98 Kbytes
Page   6 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 1500W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR

SMCJ48 Datasheet (HTML) - Diodes Incorporated


SMCJ48 Product details

Features
● 1500W Peak Pulse Power Dissipation
● 5.0V - 170V Standoff Voltages
● Glass Passivated Die Construction
● Uni- and Bi-Directional Versions Available
● Excellent Clamping Capability
● Fast Response Time
● Plastic Case Material has UL Flammability Classification Rating 94V-0




Similar Part No. - SMCJ48

ManufacturerPart #DatasheetDescription
logo
Dc Components
SMCJ48 DCCOM-SMCJ48 Datasheet
1Mb / 4P
TECHNICAL SPECIFICATIONS OF SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
General Semiconductor
SMCJ48 GE-SMCJ48 Datasheet
103Kb / 5P
SURFACE MOUNT TRANSZORB??TRANSIENT VOLTAGE SUPPRESSOR
logo
Micro Commercial Compon...
SMCJ48 MCC-SMCJ48 Datasheet
435Kb / 8P
Transient Voltage Suppressor 5.0 to 170 Volts 1500 Watt
logo
Microsemi Corporation
SMCJ48 MICROSEMI-SMCJ48 Datasheet
144Kb / 3P
UNIDIRECTIONAL AND BIDIRECTIONAL SURFACE MOUNT
SMCJ48 MICROSEMI-SMCJ48 Datasheet
584Kb / 4P
SURFACE MOUNT 1500 Watt Transient Voltage Suppressor
More results


Similar Description - SMCJ48

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
SMCJ50CA DIODES-SMCJ50CA Datasheet
80Kb / 3P
1500W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
DS19003 Rev. 11 - 2
logo
Weitron Technology
1.5KE WEITRON-1.5KE Datasheet
239Kb / 4P
1500W Surface Mount Transient Voltage Suppressor
1.5SMC WEITRON-1.5SMC Datasheet
209Kb / 4P
1500W Surface Mount Transient Voltage Suppressor
logo
Diodes Incorporated
SMCJ50CA DIODES-SMCJ50CA_1 Datasheet
82Kb / 4P
1500W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
DS19003 Rev. 15 - 2
SMCJ5.0A DIODES-SMCJ5.0A Datasheet
144Kb / 5P
1500W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
DS19003 Rev. 17 - 2
logo
Weitron Technology
1.5SMCJ WEITRON-1.5SMCJ Datasheet
2Mb / 4P
1500W Surface Mount Transient Voltage Suppressor
logo
Diodes Incorporated
SMCJ33CA-13 DIODES-SMCJ33CA-13 Datasheet
123Kb / 6P
1500W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
Rev 18
SMCJ24A-13 DIODES-SMCJ24A-13 Datasheet
123Kb / 6P
1500W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
Rev 18
SMCJ14CA-13 DIODES-SMCJ14CA-13 Datasheet
123Kb / 6P
1500W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
Rev 18
SMCJ45A-13 DIODES-SMCJ45A-13 Datasheet
123Kb / 6P
1500W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
Rev 18
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com