Electronic Components Datasheet Search
  English  ▼

X  

2SD1980 Datasheet (PDF) - Rohm

2SD1980 Datasheet PDF - Rohm
Part # 2SD1980
Download  2SD1980 Download
File Size   87.76 Kbytes
Page   4 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description Power Transistor (100V, 2A)

2SD1980 Datasheet (PDF)

Go To PDF Page Download Datasheet
2SD1980 Datasheet PDF - Rohm

Part # 2SD1980
Download  2SD1980 Click to download

File Size   87.76 Kbytes
Page   4 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description Power Transistor (100V, 2A)

2SD1980 Datasheet (HTML) - Rohm


2SD1980 Product details

Features
1) Darlington connection for high DC current gain.
2) Built-in resistor between base and emitter.
3) Built-in damper diode.
4) Complements the 2SB1580 / 2SB1316.




Similar Part No. - 2SD1980

ManufacturerPart #DatasheetDescription
logo
Rohm
2SD1980 ROHM-2SD1980 Datasheet
81Kb / 4P
Power Transistor (100V , 2A)
2SD1980 ROHM-2SD1980 Datasheet
70Kb / 1P
Transistors
2SD1980 ROHM-2SD1980 Datasheet
164Kb / 3P
Power Transistor (100V, 2A)
2SD1980 ROHM-2SD1980 Datasheet
134Kb / 3P
Power Transistor
logo
Inchange Semiconductor ...
2SD1980 ISC-2SD1980 Datasheet
229Kb / 2P
isc Silicon NPN Power Transistor
More results


Similar Description - 2SD1980

ManufacturerPart #DatasheetDescription
logo
Rohm
2SD2195 ROHM-2SD2195 Datasheet
81Kb / 4P
Power Transistor (100V , 2A)
2SB1427 ROHM-2SB1427 Datasheet
61Kb / 2P
Power transistor (-20V, -2A)
2SA2093 ROHM-2SA2093 Datasheet
97Kb / 4P
Power transistor (-60V, -2A)
2SD1861 ROHM-2SD1861 Datasheet
72Kb / 3P
Power transistor (40V, 2A)
2SD1857 ROHM-2SD1857_09 Datasheet
164Kb / 3P
Power Transistor (120V, 2A)
2SD1980 ROHM-2SD1980_09 Datasheet
164Kb / 3P
Power Transistor (100V, 2A)
logo
SeCoS Halbleitertechnol...
2SA554 SECOS-2SA554 Datasheet
344Kb / 2P
-2A, -100V PP Epitaxial Planar Transistor
logo
PFC Device Inc.
PTA2L100 PFC-PTA2L100 Datasheet
561Kb / 5P
2A 100V HPTR짰 Schottky Rectifier
logo
Infineon Technologies A...
IPB330P10NM INFINEON-IPB330P10NM Datasheet
1Mb / 11P
OpriMOS power-Transistor,-100V
2.0. 2021-05-24
logo
Rohm
RQ6P020AT ROHM-RQ6P020AT Datasheet
2Mb / 14P
Pch -100V -2A Power MOSFET
20230118 - Rev.002
More results




About Rohm


ROHM Semiconductor is a Japanese semiconductor company that was founded in 1958.

The company specializes in the design and manufacture of a wide range of products including power management, power devices, and analog and mixed-signal integrated circuits.

ROHM's products are used in various applications such as consumer electronics, automotive, industrial, and telecommunications.

The company is known for its focus on energy-saving technologies and its expertise in low-power design.

ROHM has operations in over 20 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com