Electronic Components Datasheet Search
  English  ▼

X  

MAX6710LUT Datasheet (PDF) - Maxim Integrated Products

MAX6710LUT Datasheet PDF - Maxim Integrated Products
Part # MAX6710LUT
Download  MAX6710LUT Download
File Size   599.01 Kbytes
Page   9 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Low-Voltage, High-Accuracy, Triple/Quad Voltage μP Supervisory Circuits in SOT Package

MAX6710LUT Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX6710LUT Datasheet PDF - Maxim Integrated Products

Part # MAX6710LUT
Download  MAX6710LUT Click to download

File Size   599.01 Kbytes
Page   9 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Low-Voltage, High-Accuracy, Triple/Quad Voltage μP Supervisory Circuits in SOT Package

MAX6710LUT Datasheet (HTML) - Maxim Integrated Products


MAX6710LUT Product details

General Description
The MAX6700/MAX6710 precision triple/quad voltage microprocessor (µP) supervisory circuits monitor up to four system-supply voltages and assert a single reset if any supply voltage drops below its preset threshold. These devices significantly reduce system size and component count while improving reliability compared to separate ICs or discrete components.

Features
♦ Monitor Up to Four Power-Supply Voltages
♦ Precision Factory-Set Reset Threshold Options for 5.0V, 3.3V, 3.0V, 2.5V, and 1.8V Supplies
♦ Adjustable Voltage Threshold Monitors Down to 0.62V with 1.5% Accuracy
♦ Low 35µA Supply Current
♦ Open-Drain RESET Output with 10µA Internal Pullup
♦ 5µs Propagation Delay (MAX6700)
♦ 140ms (min) Reset Timeout Period (MAX6710)
♦ RESET Valid to IN1 = 1V or IN2 = 1V
♦ Immune to Short Monitored Supply Transients
♦ Guaranteed from -40°C to +85°C
♦ Small 6-Pin SOT23 Package

Applications
   Telecommunications
   High-End Printers
   Desktop and Notebook Computers
   Data Storage Equipment
   Networking Equipment
   Industrial Equipment
   Set-Top Boxes
   Servers/Workstations




Similar Part No. - MAX6710LUT

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6710FUT-T MAXIM-MAX6710FUT-T Datasheet
1Mb / 10P
Low-Voltage, High-Accuracy, Triple/Quad Voltage 關P Supervisory Circuits in SOT Package
2016
MAX6710KUT-T MAXIM-MAX6710KUT-T Datasheet
1Mb / 10P
Low-Voltage, High-Accuracy, Triple/Quad Voltage 關P Supervisory Circuits in SOT Package
2016
MAX6710_UT-T MAXIM-MAX6710_UT-T Datasheet
197Kb / 9P
Low-Voltage, High-Accuracy, Triple/Quad Voltage 關P Supervisory Circuits in SOT Package
Rev 1; 4/02
MAX6710_UT-T MAXIM-MAX6710_UT-T Datasheet
599Kb / 9P
Low-Voltage, High-Accuracy, Triple/Quad Voltage uP Supervisory Circuits in SOT Package
19-2324; Rev 2; 12/05
MAX6710_UT-T MAXIM-MAX6710_UT-T Datasheet
1Mb / 10P
Low-Voltage, High-Accuracy, Triple/Quad Voltage 關P Supervisory Circuits in SOT Package
2016
More results


Similar Description - MAX6710LUT

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6700 MAXIM-MAX6700 Datasheet
197Kb / 9P
Low-Voltage, High-Accuracy, Triple/Quad Voltage 關P Supervisory Circuits in SOT Package
Rev 1; 4/02
logo
Analog Devices
ADM6710 AD-ADM6710 Datasheet
184Kb / 8P
Low Voltage, High Accuracy, Quad Voltage UP Supervisory Circuit
logo
Maxim Integrated Produc...
MAX6700 MAXIM-MAX6700_05 Datasheet
599Kb / 9P
Low-Voltage, High-Accuracy, Triple/Quad Voltage uP Supervisory Circuits in SOT Package
19-2324; Rev 2; 12/05
MAX6725KASYD3 MAXIM-MAX6725KASYD3 Datasheet
720Kb / 19P
Dual/Triple Ultra-Low-Voltage SOT23 μP Supervisory Circuits
Rev 5; 12/05
MAX6355TZUT-T MAXIM-MAX6355TZUT-T Datasheet
328Kb / 11P
Dual/Triple-Voltage μP Supervisory Circuits
Rev 6; 12/05
MAX6719AUTTGD3-T MAXIM-MAX6719AUTTGD3-T Datasheet
184Kb / 18P
Dual/Triple, Ultra-Low-Voltage, SOT23 μP Supervisory Circuits
Rev 3; 9/08
logo
Analog Devices
ADM6710 AD-ADM6710_15 Datasheet
199Kb / 12P
Low Voltage, High Accuracy, Triple/Quad Voltage Microprocessor Supervisory Circuit
REV. A
logo
STMicroelectronics
STM6710 STMICROELECTRONICS-STM6710 Datasheet
1Mb / 20P
Low-voltage, high-accuracy, triple/quad voltage microprocessor supervisory circuit in SOT package
September 2020 Rev 4
logo
Analog Devices
ADM8710 AD-ADM8710 Datasheet
250Kb / 12P
Low Voltage, High Accuracy, Quad Voltage Microprocessor Supervisory Circuit
8/12-Revision 0
logo
Maxim Integrated Produc...
MAX6700 MAXIM-MAX6700_V01 Datasheet
1Mb / 10P
Low-Voltage, High-Accuracy, Triple/Quad Voltage 關P Supervisory Circuits in SOT Package
2016
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com