Electronic Components Datasheet Search
  English  ▼

X  

2132230-9 Datasheet (PDF) - Tyco Electronics

2132230-9 Datasheet PDF - Tyco Electronics
Part # 2132230-9
Download  2132230-9 Download
File Size   110.39 Kbytes
Page   1 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description HEADER ASSEMBLY VERTICAL ECONOMY POWER 2.5MM CENTERLINE

2132230-9 Datasheet (PDF)

Go To PDF Page Download Datasheet
2132230-9 Datasheet PDF - Tyco Electronics

Part # 2132230-9
Download  2132230-9 Click to download

File Size   110.39 Kbytes
Page   1 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description HEADER ASSEMBLY VERTICAL ECONOMY POWER 2.5MM CENTERLINE

2132230-9 Datasheet (HTML) - Tyco Electronics




Similar Part No. - 2132230-9

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
2132230-9 MACOM-2132230-9 Datasheet
110Kb / 1P
header assembly vertical economy power 2.5mm centerline
logo
TE Connectivity Ltd
2132230-9 TEC-2132230-9 Datasheet
222Kb / 2P
EP 2.5 Connector Series
08/2011
More results


Similar Description - 2132230-9

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
2-382811-1 MACOM-2-382811-1 Datasheet
100Kb / 1P
ECONOMY SHUNT ASSEMBLY
613816 MACOM-613816 Datasheet
106Kb / 1P
HEADER ASSEMBLY, VERTICAL ECONOMY POWER
2132230-2 MACOM-2132230-2 Datasheet
110Kb / 1P
header assembly vertical economy power 2.5mm centerline
1469025-1 MACOM-1469025-1 Datasheet
275Kb / 1P
HEADER ASSEMBLY, 2 PAIR, 2.5mm TAIL. 25mm, HMZd
logo
TE Connectivity Ltd
C-2132781 TEC-C-2132781 Datasheet
210Kb / 1P
RECEPTACLE HOUSING, ECONOMY POWER II, 3.96 CENTERLINE W/ RETAINING FEATURES
C-2132782 TEC-C-2132782 Datasheet
176Kb / 1P
BREAKAWAY RETAINER, ECONOMY POWER II, 3.96 CENTERLINE
C-1469025 TEC-C-1469025 Datasheet
361Kb / 1P
HEADER ASSEMBLY, 2 PAIR, 2.5mm TAIL, 25mm, HMZd
C-6469002 TEC-C-6469002 Datasheet
423Kb / 1P
HEADER ASSEMBLY, 4 PAIR, 2.5mm TAIL, 25mm HMZd
ENG_CD_1744036 TEC-ENG_CD_1744036 Datasheet
171Kb / 1P
RECEPTACLE, ECONOMY POWER, .200 CENTERLINE
ENG_CD_1744037 TEC-ENG_CD_1744037 Datasheet
367Kb / 2P
HEADER ASSEMBLY-ECONOMY POWER VERTICAL, 200 CENTERLINE
More results




About Tyco Electronics


Tyco Electronics was a leading provider of electronic components, network solutions, and wireless systems. The company was originally established in 1999 as Tyco International and was later renamed Tyco Electronics in 2007. Tyco Electronics had a global presence, with operations in over 50 countries and a workforce of approximately 20,000 employees.

The company provided a wide range of products and services, including connectors, relays, power management solutions, circuit protection devices, and other electronic components for a variety of industries, including automotive, communications, medical, industrial, and consumer electronics. Tyco Electronics was known for its focus on quality, reliability, and innovation, and was recognized as a leader in the electronics industry.

In 2012, Tyco Electronics was acquired by TE Connectivity, a leading provider of connectivity and sensor solutions. The acquisition helped TE Connectivity expand its product portfolio and offerings in the electronics industry and further strengthen its position in the market. Tyco Electronics is now a subsidiary of TE Connectivity and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com