Electronic Components Datasheet Search
  English  ▼

X  

SML-211UT Datasheet (PDF) - Rohm

SML-211UT Datasheet PDF - Rohm
Part # SML-211UT
Download  SML-211UT Download
File Size   116.31 Kbytes
Page   3 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description 0805<2.0 1.25 t=0.8mm> Low Current Type(IF 10mA)

SML-211UT Datasheet (PDF)

Go To PDF Page Download Datasheet
SML-211UT Datasheet PDF - Rohm

Part # SML-211UT
Download  SML-211UT Click to download

File Size   116.31 Kbytes
Page   3 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description 0805<2.0 1.25 t=0.8mm> Low Current Type(IF 10mA)

SML-211UT Datasheet (HTML) - Rohm




Similar Part No. - SML-211UT

ManufacturerPart #DatasheetDescription
logo
Rohm
SML-211UT ROHM-SML-211UT Datasheet
462Kb / 3P
Low Current Type (IF=<10mA) Mini-molded chip LEDs
SML-211UT ROHM-SML-211UT Datasheet
84Kb / 3P
Chip LEDs with low power consumption
SML-211UT ROHM-SML-211UT Datasheet
136Kb / 3P
SML-21 Series
SML-211UT ROHM-SML-211UT Datasheet
1Mb / 4P
Abundant color variations with diverse luminous intensity types
SML-211UT ROHM-SML-211UT Datasheet
1Mb / 4P
Abundant color variations with diverse luminous intensity types
More results


Similar Description - SML-211UT

ManufacturerPart #DatasheetDescription
logo
Rohm
SML512 ROHM-SML512 Datasheet
105Kb / 3P
Low Current Type (IF=<10mA) Mini-molded chip LEDs
SML-811 ROHM-SML-811 Datasheet
319Kb / 3P
Low Current Type (IF <=10mA) Back-fire chip LEDs
SMLA12 ROHM-SMLA12 Datasheet
265Kb / 3P
Low Current Type (IF=<10mA) Side view chip LEDs
SMLE12 ROHM-SMLE12 Datasheet
103Kb / 3P
0603 <1.6 0.8 t=0.36mm> Low Current Type(IF 10mA)
SMLP12BC7T ROHM-SMLP12BC7T Datasheet
115Kb / 3P
0402<1.0 0.6 t=0.2mm> Low Current Type (IF 10mA)
SMLE12WBC7W ROHM-SMLE12WBC7W Datasheet
109Kb / 3P
Low Current Type(IF 10mA)
SML-311DTT86 ROHM-SML-311DTT86 Datasheet
106Kb / 3P
Low Current Type(IF 10mA)
SML-210PTT86L ROHM-SML-210PTT86L Datasheet
164Kb / 3P
0805<2.0 1.25 t=0.8mm> Standard Type
SML-311UTT86K ROHM-SML-311UTT86K Datasheet
113Kb / 3P
Low Current Type(IF 10mA)
SML-211DTT86K ROHM-SML-211DTT86K Datasheet
116Kb / 3P
0805 2.0 1.25 t=0.8mm Low Current Type(IF 10mA)
More results




About Rohm


ROHM Semiconductor is a Japanese semiconductor company that was founded in 1958.

The company specializes in the design and manufacture of a wide range of products including power management, power devices, and analog and mixed-signal integrated circuits.

ROHM's products are used in various applications such as consumer electronics, automotive, industrial, and telecommunications.

The company is known for its focus on energy-saving technologies and its expertise in low-power design.

ROHM has operations in over 20 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com