Electronic Components Datasheet Search
  English  ▼

X  

AO4576 Datasheet (PDF) - shenzhen wanhexing Electronics Co.,Ltd

AO4576 Datasheet PDF - shenzhen wanhexing Electronics Co.,Ltd
Part # AO4576
Download  AO4576 Download
File Size   2199.93 Kbytes
Page   5 Pages
Manufacturer  WHXPCB [shenzhen wanhexing Electronics Co.,Ltd]
Direct Link  http://www.whxpcb.com
Logo WHXPCB - shenzhen wanhexing Electronics Co.,Ltd
Description 30V N-Channel AlphaMOS

AO4576 Datasheet (PDF)

Go To PDF Page Download Datasheet
AO4576 Datasheet PDF - shenzhen wanhexing Electronics Co.,Ltd

Part # AO4576
Download  AO4576 Click to download

File Size   2199.93 Kbytes
Page   5 Pages
Manufacturer  WHXPCB [shenzhen wanhexing Electronics Co.,Ltd]
Direct Link  http://www.whxpcb.com
Logo WHXPCB - shenzhen wanhexing Electronics Co.,Ltd
Description 30V N-Channel AlphaMOS

AO4576 Datasheet (HTML) - shenzhen wanhexing Electronics Co.,Ltd


AO4576 Product details

General Description
• Latest Trench Power AlphaMOS (αMOS LV) technology
• Very Low RDS(on) at 4.5VGS
• Low Gate Charge
• High Current Capability
• RoHS and Halogen-Free Compliant

Application
• DC/DC Converters in Computing, Servers, and POL
• Isolated DC/DC Converters in Telecom and Industrial

Product Summary
   VDS                                     30V
   ID (at VGS=10V)                  20A
   RDS(ON) (at VGS=10V)       < 5.8mΩ
   RDS(ON) (at VGS = 4.5V)    < 9.8mΩ
  
   100% UIS Tested
   100% Rg Tested




Similar Part No. - AO4576

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AO4576 AOSMD-AO4576 Datasheet
336Kb / 5P
30V N-Channel AlphaMOS
logo
Guangdong Kexin Industr...
AO4576 KEXIN-AO4576 Datasheet
1Mb / 4P
N-Channel MOSFET
AO4576-HF KEXIN-AO4576-HF Datasheet
1Mb / 4P
N-Channel MOSFET
More results


Similar Description - AO4576

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOI518 AOSMD-AOI518 Datasheet
315Kb / 6P
30V N-Channel AlphaMOS
AON6508 AOSMD-AON6508 Datasheet
295Kb / 6P
30V N-Channel AlphaMOS
AON6754 AOSMD-AON6754 Datasheet
292Kb / 6P
30V N-Channel AlphaMOS
AON7752 AOSMD-AON7752 Datasheet
285Kb / 6P
30V N-Channel AlphaMOS
AON6360 AOSMD-AON6360 Datasheet
273Kb / 6P
30V N-Channel AlphaMOS
AON6594 AOSMD-AON6594 Datasheet
363Kb / 6P
30V N-Channel AlphaMOS
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com