Electronic Components Datasheet Search
  English  ▼

X  

AO4566 Datasheet (PDF) - shenzhen wanhexing Electronics Co.,Ltd

AO4566 Datasheet PDF - shenzhen wanhexing Electronics Co.,Ltd
Part # AO4566
Download  AO4566 Download
File Size   2212.28 Kbytes
Page   5 Pages
Manufacturer  WHXPCB [shenzhen wanhexing Electronics Co.,Ltd]
Direct Link  http://www.whxpcb.com
Logo WHXPCB - shenzhen wanhexing Electronics Co.,Ltd
Description 30V N-Channel MOSFET

AO4566 Datasheet (PDF)

Go To PDF Page Download Datasheet
AO4566 Datasheet PDF - shenzhen wanhexing Electronics Co.,Ltd

Part # AO4566
Download  AO4566 Click to download

File Size   2212.28 Kbytes
Page   5 Pages
Manufacturer  WHXPCB [shenzhen wanhexing Electronics Co.,Ltd]
Direct Link  http://www.whxpcb.com
Logo WHXPCB - shenzhen wanhexing Electronics Co.,Ltd
Description 30V N-Channel MOSFET

AO4566 Datasheet (HTML) - shenzhen wanhexing Electronics Co.,Ltd


AO4566 Product details

General Description
• Latest Trench Power AlphaMOS (αMOS LV) technology
• Very Low RDS(ON) at 4.5V VGS
• Low Gate Charge
• High Current Capability
• RoHS and Halogen-Free Compliant

Application
• DC/DC Converters in Computing, Servers, and POL
• Isolated DC/DC Converters in Telecom and Industrial

Product Summary
   VDS                                        30V
   ID (at VGS=10V)                    12A
   RDS(ON) (at VGS=10V)         < 11mΩ
   RDS(ON) (at VGS=4.5V)        < 17mΩ

   100% UIS Tested
   100% Rg Tested




Similar Part No. - AO4566

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AO4566 AOSMD-AO4566 Datasheet
343Kb / 5P
30V N-Channel MOSFET
logo
Guangdong Kexin Industr...
AO4566 KEXIN-AO4566 Datasheet
1Mb / 4P
N-Channel MOSFET
AO4566-HF KEXIN-AO4566-HF Datasheet
2Mb / 4P
N-Channel MOSFET
More results


Similar Description - AO4566

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CMT4410 ETC-CMT4410 Datasheet
183Kb / 6P
N-CHANNEL 30V MOSFET
logo
Taiwan Semiconductor Co...
TSM4392 TSC-TSM4392 Datasheet
207Kb / 4P
30V N-Channel MOSFET
TSM4404 TSC-TSM4404 Datasheet
245Kb / 6P
30V N-Channel MOSFET
TSM4872 TSC-TSM4872_09 Datasheet
243Kb / 6P
30V N-Channel MOSFET
logo
shenzhen wanhexing Elec...
AO4490 WHXPCB-AO4490 Datasheet
2Mb / 6P
30V N-Channel MOSFET
AO4498 WHXPCB-AO4498 Datasheet
2Mb / 6P
30V N-Channel MOSFET
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com