Electronic Components Datasheet Search
  English  ▼

X  

10EZ19 Datasheet (PDF) - New Jersey Semi-Conductor Products, Inc.

10EZ19 Datasheet PDF - New Jersey Semi-Conductor Products, Inc.
Part # 10EZ19
Download  10EZ19 Download
File Size   122.56 Kbytes
Page   2 Pages
Manufacturer  NJSEMI [New Jersey Semi-Conductor Products, Inc.]
Direct Link  http://www.njsemi.com
Logo NJSEMI - New Jersey Semi-Conductor Products, Inc.
Description Silicon 10 WATT Zener Diodes

10EZ19 Datasheet (PDF)

Go To PDF Page Download Datasheet
10EZ19 Datasheet PDF - New Jersey Semi-Conductor Products, Inc.

Part # 10EZ19
Download  10EZ19 Click to download

File Size   122.56 Kbytes
Page   2 Pages
Manufacturer  NJSEMI [New Jersey Semi-Conductor Products, Inc.]
Direct Link  http://www.njsemi.com
Logo NJSEMI - New Jersey Semi-Conductor Products, Inc.
Description Silicon 10 WATT Zener Diodes

10EZ19 Datasheet (HTML) - New Jersey Semi-Conductor Products, Inc.


10EZ19 Product details

Features
• Zener Voltage 3.9 to 100V
• Voltage Tolerances; ±5%, ± 10% (See Note 1)
• Low profile cost effective TO-220 package




Similar Part No. - 10EZ19

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
10EZ19 MICROSEMI-10EZ19 Datasheet
69Kb / 2P
Silicon 10 WATT Zener Diodes
More results


Similar Description - 10EZ19

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
10EZ39 MICROSEMI-10EZ39 Datasheet
69Kb / 2P
Silicon 10 WATT Zener Diodes
1N2970 MICROSEMI-1N2970 Datasheet
103Kb / 2P
Silicon 10 WATT Zener Diodes
1N5913B MICROSEMI-1N5913B Datasheet
89Kb / 3P
SILICON 1.5 WATT ZENER DIODES
1N3996 MICROSEMI-1N3996 Datasheet
215Kb / 4P
10 WATT ZENER DIODES
1N2971A MICROSEMI-1N2971A Datasheet
103Kb / 2P
SILICON 10 WATT ZENER DIODES
logo
Naina Semiconductor ltd...
1N2970B NAINA-1N2970B Datasheet
115Kb / 1P
10 WATT ZENER DIODES
logo
Microsemi Corporation
1N4728AP MICROSEMI-1N4728AP Datasheet
175Kb / 3P
Silicon 1 Watt Zener Diodes
logo
Digitron Semiconductors
1N4728 DIGITRON-1N4728 Datasheet
184Kb / 3P
SILICON 1 WATT ZENER DIODES
1N2970 DIGITRON-1N2970 Datasheet
184Kb / 3P
10 WATT ZENER DIODES
logo
New Jersey Semi-Conduct...
1N4549B NJSEMI-1N4549B Datasheet
80Kb / 1P
SILICON 50 WATT ZENER DIODES
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com