Electronic Components Datasheet Search
  English  ▼

X  

BVSS138L Datasheet (PDF) - ON Semiconductor

BVSS138L Datasheet PDF - ON Semiconductor
Part # BVSS138L
Download  BVSS138L Download
File Size   117.05 Kbytes
Page   5 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Power MOSFET 200 mA, 50 V

BVSS138L Datasheet (PDF)

Go To PDF Page Download Datasheet
BVSS138L Datasheet PDF - ON Semiconductor

Part # BVSS138L
Download  BVSS138L Click to download

File Size   117.05 Kbytes
Page   5 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Power MOSFET 200 mA, 50 V

BVSS138L Datasheet (HTML) - ON Semiconductor


BVSS138L Product details

Power MOSFET 200 mA, 50 V   
N−Channel SOT−23     

Typical applications are DC−DC converters, power management in portable and battery−powered products such as computers, printers, PCMCIA cards, cellular and cordless telephones.
   
Features
• Low Threshold Voltage (VGS(th): 0.5 V−1.5 V) Makes it Ideal for
    Low Voltage Applications
• Miniature SOT−23 Surface Mount Package Saves Board Space
• BVSS Prefix for Automotive and Other Applications Requiring
    Unique Site and Control Change Requirements; AEC−Q101
    Qualified and PPAP Capable
• These Devices are Pb−Free and are RoHS Compliant
   




Similar Part No. - BVSS138L

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
BVSS138L ONSEMI-BVSS138L Datasheet
265Kb / 9P
MOSFET – Power, N-Channel, SOT-23 200 mA, 50 V
April, 2024 - Rev. 14
BVSS138LT1G ONSEMI-BVSS138LT1G Datasheet
75Kb / 6P
Power MOSFET
October, 2016 ??Rev. 9
logo
TECH PUBLIC Electronics...
BVSS138LT1G TECHPUBLIC-BVSS138LT1G Datasheet
1Mb / 5P
N-Channel Enhancement Mode MOSFET
logo
ON Semiconductor
BVSS138LT1G ONSEMI-BVSS138LT1G Datasheet
265Kb / 9P
MOSFET – Power, N-Channel, SOT-23 200 mA, 50 V
April, 2024 - Rev. 14
BVSS138LT3G ONSEMI-BVSS138LT3G Datasheet
75Kb / 6P
Power MOSFET
October, 2016 ??Rev. 9
More results


Similar Description - BVSS138L

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
BSS84LT1 ONSEMI-BSS84LT1 Datasheet
67Kb / 4P
Power MOSFET 130 mA, 50 V
June, 2004 ??Rev. 5
BSS138LT1 ONSEMI-BSS138LT1 Datasheet
79Kb / 6P
Power MOSFET 200 mA, 50 V
June, 2004 ??Rev. 3
BSS138LT1 ONSEMI-BSS138LT1_05 Datasheet
64Kb / 5P
Power MOSFET 200 mA, 50 V N?묬hannel SOT??3
October, 2005 ??Rev. 4
logo
Guangdong Kexin Industr...
KSS138 KEXIN-KSS138 Datasheet
46Kb / 2P
Power MOSFET 200 mA, 50 V
logo
ON Semiconductor
BSS138LT1 ONSEMI-BSS138LT1_09 Datasheet
133Kb / 5P
Power MOSFET 200 mA, 50 V
February, 2009 ??Rev. 5
BSS138LT1 ONSEMI-BSS138LT1_11 Datasheet
105Kb / 5P
Power MOSFET 200 mA, 50 V
September, 2011 ??Rev. 6
logo
NXP Semiconductors
2PB709BRL NXP-2PB709BRL Datasheet
324Kb / 13P
50 V, 200 mA PNP general-purpose transistors
Rev. 1-28 June 2010
2PD601BSL NXP-2PD601BSL Datasheet
317Kb / 13P
50 V, 200 mA NPN general-purpose transistors
Rev. 1-28 June 2010
logo
Nexperia B.V. All right...
2PB709BRL NEXPERIA-2PB709BRL Datasheet
971Kb / 13P
50 V, 200 mA PNP general-purpose transistors
Rev. 1 - 28 June 2010
2PD601BRL NEXPERIA-2PD601BRL Datasheet
993Kb / 13P
50 V, 200 mA NPN general-purpose transistors
Rev. 1 - 28 June 2010
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com