Electronic Components Datasheet Search
  English  ▼

X  

NUP2114 Datasheet (PDF) - ON Semiconductor

NUP2114 Datasheet PDF - ON Semiconductor
Part # NUP2114
Download  NUP2114 Download
File Size   172.31 Kbytes
Page   6 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Transient Voltage Suppressors

NUP2114 Datasheet (PDF)

Go To PDF Page Download Datasheet
NUP2114 Datasheet PDF - ON Semiconductor

Part # NUP2114
Download  NUP2114 Click to download

File Size   172.31 Kbytes
Page   6 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Transient Voltage Suppressors

NUP2114 Datasheet (HTML) - ON Semiconductor


NUP2114 Product details

ESD Protection Diode
Low Capacitance ESD Protection for High Speed Data

The NUP2114 surge protection is designed to protect high speed data lines from ESD. Ultra−low capacitance and high level of ESD protection makes this device well suited for use in USB 2.0 applications.

Features
• Low Capacitance 0.8 pF
• Low Clamping Voltage
• Stand Off Voltage: 5 V
• Low Leakage
• ESD Rating of Class 3B (Exceeding 8 kV) per Human Body model and Class C (Exceeding 400 V) per Machine Model
• Protection for the Following IEC Standards: IEC 61000−4−2 Level 4 ESD Protection
• UL Flammability Rating of 94 V−0
• S Prefix for Automotive and Other Applications Requiring Unique
    Site and Control Change Requirements; AEC−Q101 Qualified and PPAP Capable
• These Devices are Pb−Free, Halogen Free/BFR Free and are RoHS Compliant

Typical Applications
• High Speed Communication Line Protection
• USB 2.0 High Speed Data Line and Power Line Protection
• Monitors and Flat Panel Displays
• MP3
• Gigabit Ethernet
• Notebook Computers
• Digital Video Interface (DVI) and HDMI




Similar Part No. - NUP2114

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NUP2114UCMR6 ONSEMI-NUP2114UCMR6 Datasheet
177Kb / 5P
Transient Voltage Suppressors Low Capacitance ESD Protection for High Speed Data
January, 2010 ??Rev. 4
NUP2114UCMR6T1G ONSEMI-NUP2114UCMR6T1G Datasheet
177Kb / 5P
Transient Voltage Suppressors Low Capacitance ESD Protection for High Speed Data
January, 2010 ??Rev. 4
NUP2114UCMR6T1G ONSEMI-NUP2114UCMR6T1G Datasheet
189Kb / 6P
Transient Voltage Suppressors
March, 2012 ??Rev. 1
NUP2114UCMR6T1G ONSEMI-NUP2114UCMR6T1G Datasheet
116Kb / 6P
Transient Voltage Suppressors
September, 2016 ??Rev. 2
NUP2114UPXV5 ONSEMI-NUP2114UPXV5 Datasheet
152Kb / 4P
Transient Voltage Suppressors
September, 2009 ??Rev. 1
More results


Similar Description - NUP2114

ManufacturerPart #DatasheetDescription
logo
EPCOS
B72540E0170K062 EPCOS-B72540E0170K062 Datasheet
191Kb / 14P
Ceramic transient voltage suppressors Ceramic transient voltage suppressors
logo
SeCoS Halbleitertechnol...
ESD05C SECOS-ESD05C_15 Datasheet
200Kb / 2P
Transient Voltage Suppressors
SSESD05 SECOS-SSESD05_15 Datasheet
313Kb / 2P
Transient Voltage Suppressors
SZMD03C SECOS-SZMD03C_15 Datasheet
193Kb / 2P
Transient Voltage Suppressors
SZMD15C SECOS-SZMD15C_15 Datasheet
101Kb / 2P
Transient Voltage Suppressors
logo
Central Semiconductor C...
CSL05 CENTRAL-CSL05 Datasheet
280Kb / 3P
TRANSIENT VOLTAGE SUPPRESSORS
logo
ON Semiconductor
TVS8501V5 ONSEMI-TVS8501V5 Datasheet
93Kb / 6P
Transient Voltage Suppressors
November, 2014 ??Rev. 1
logo
SEMTECH ELECTRONICS LTD...
ESD3BL3V3WS SEMTECH_ELEC-ESD3BL3V3WS Datasheet
356Kb / 4P
Transient Voltage Suppressors
ESD9BL5V0BP SEMTECH_ELEC-ESD9BL5V0BP Datasheet
342Kb / 3P
Transient Voltage Suppressors
ESDB5V0WT SEMTECH_ELEC-ESDB5V0WT Datasheet
267Kb / 3P
Transient Voltage Suppressors
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com