Electronic Components Datasheet Search
  English  ▼

X  

MTB30P06 Datasheet (PDF) - Motorola, Inc

MTB30P06 Datasheet PDF - Motorola, Inc
Part # MTB30P06
Download  MTB30P06 Download
File Size   247.61 Kbytes
Page   10 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description TMOS POWER FET 30 AMPERES 60 VOLTS

MTB30P06 Datasheet (PDF)

Go To PDF Page Download Datasheet
MTB30P06 Datasheet PDF - Motorola, Inc

Part # MTB30P06
Download  MTB30P06 Click to download

File Size   247.61 Kbytes
Page   10 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description TMOS POWER FET 30 AMPERES 60 VOLTS

MTB30P06 Datasheet (HTML) - Motorola, Inc


MTB30P06 Product details

TMOS POWER FET 30 AMPERES 60 VOLTS RDS(on) = 0.080 OHM



TMOS V is a new technology designed to achieve an on–resistance area product about one–half that of standard MOSFETs. This new technology more than doubles the present cell density of our 50 and 60 volt TMOS devices. Just as with our TMOS E–FET designs, TMOS V is designed to withstand high energy in the avalanche and commutation modes. Designed for low voltage, high speed switching applications in power supplies, converters and power motor controls, these devices are particularly well suited for bridge circuits where diode speed and commutating safe operating areas are critical and offer additional safety margin against unexpected voltage transients.



New Features of TMOS V

• On–resistance Area Product about One–half that of Standard MOSFETs with New Low Voltage, Low RDS(on) Technology

• Faster Switching than E–FET Predecessors


 



Features Common to TMOS V and TMOS E–FETS

• Avalanche Energy Specified

• IDSS and VDS(on) Specified at Elevated Temperature

• Static Parameters are the Same for both TMOS V and TMOS E–FET

• Surface Mount Package Available in 16 mm 13–inch/2500 Unit Tape & Reel, Add T4 Suffix to Part Number




Similar Part No. - MTB30P06

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
MTB30P06J3 CYSTEKEC-MTB30P06J3 Datasheet
294Kb / 9P
P-Channel Logic Level Enhancement Mode Power MOSFET
MTB30P06KFP CYSTEKEC-MTB30P06KFP Datasheet
414Kb / 8P
P-Channel Enhancement Mode Power MOSFET
MTB30P06KFP-0-UB-S CYSTEKEC-MTB30P06KFP-0-UB-S Datasheet
414Kb / 8P
P-Channel Enhancement Mode Power MOSFET
MTB30P06KJ3 CYSTEKEC-MTB30P06KJ3 Datasheet
438Kb / 9P
P-Channel Enhancement Mode Power MOSFET
MTB30P06KQ8 CYSTEKEC-MTB30P06KQ8 Datasheet
438Kb / 9P
P-Channel Enhancement Mode Power MOSFET
More results


Similar Description - MTB30P06

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MTB23P06E MOTOROLA-MTB23P06E Datasheet
280Kb / 10P
TMOS POWER FET 23 AMPERES 60 VOLTS
MTB23P06V MOTOROLA-MTB23P06V Datasheet
249Kb / 10P
TMOS POWER FET 23 AMPERES 60 VOLTS
MTB30N06VL MOTOROLA-MTB30N06VL Datasheet
262Kb / 10P
TMOS POWER FET 30 AMPERES 60 VOLTS
MTB50N06V MOTOROLA-MTB50N06V Datasheet
289Kb / 10P
TMOS POWER FET 42 AMPERES 60 VOLTS
MTB52N06V MOTOROLA-MTB52N06V Datasheet
198Kb / 10P
TMOS POWER FET 52 AMPERES 60 VOLTS
MTB52N06VL MOTOROLA-MTB52N06VL Datasheet
200Kb / 10P
TMOS POWER FET 52 AMPERES 60 VOLTS
MTB55N06Z MOTOROLA-MTB55N06Z Datasheet
146Kb / 6P
TMOS POWER FET 55 AMPERES 60 VOLTS
MTB60N06HD MOTOROLA-MTB60N06HD Datasheet
280Kb / 12P
TMOS POWER FET 60 AMPERES 60 VOLTS
MTB75N06HD MOTOROLA-MTB75N06HD Datasheet
342Kb / 12P
TMOS POWER FET 75 AMPERES 60 VOLTS
MTD15N06V MOTOROLA-MTD15N06V Datasheet
218Kb / 10P
TMOS POWER FET 15 AMPERES 60 VOLTS
More results




About Motorola, Inc


Motorola, Inc. was an American multinational telecommunications company that was founded in 1928. It was headquartered in Schaumburg, Illinois and was one of the largest providers of mobile phones, telecommunication equipment, and semiconductors. Throughout its history, Motorola was known for its innovation in the field of telecommunications, including the development of the world's first commercially available cellular telephone, the DynaTAC, and the world's first two-way pager, the Pageboy.

In 2011, Motorola split into two separate companies: Motorola Mobility and Motorola Solutions. Motorola Mobility was later acquired by Google in 2012, and is now a subsidiary of Lenovo. Motorola Solutions focuses on public safety and commercial and industrial communication solutions. The company provides a wide range of products including two-way radios, mobile computing devices, and network infrastructure equipment.

Motorola was one of the pioneers of the mobile phone industry and has a rich history of innovation and technological advancements. The company's legacy continues through its subsidiaries and its technology and products continue to be used around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com