Electronic Components Datasheet Search
  English  ▼

X  

84981-4 Datasheet (PDF) - Tyco Electronics

84981-4 Datasheet PDF - Tyco Electronics
Part # 84981-4
Download  84981-4 Download
File Size   64.88 Kbytes
Page   1 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description ASSY, 1.00MM FFC CONN SMT, H

84981-4 Datasheet (PDF)

Go To PDF Page Download Datasheet
84981-4 Datasheet PDF - Tyco Electronics

Part # 84981-4
Download  84981-4 Click to download

File Size   64.88 Kbytes
Page   1 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description ASSY, 1.00MM FFC CONN SMT, H

84981-4 Datasheet (HTML) - Tyco Electronics


84981-4 Product details

As the demands for higher density packaging of electronic equipment increases, the use of flexible printed circuits (FPC) to reduce size, weight and assembly costs has expanded. FPC is finding wide acceptance in the computer industry, particularly in such applications as Lap Top, Notebook, Palm Top and Note Pad Computers. Other markets include: Disk Drives, Printers, Plotters, Copiers, Cellular Phones, and Medical Equipment.



Product Facts

■ Available in ZIF and non-ZIF

■ Available in 0.3, 0.5, 1.0, and 1.25mm Centerlines

■ Available Tin-Lead or Lead Free

■ SMT, Thu-Hole, Vertical and Right-Angle

■ Right-Angle Available Top or Bottom Contact



 




Similar Part No. - 84981-4

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
84981-4 MACOM-84981-4 Datasheet
643Kb / 32P
FPC Connector Family
84981-4 MACOM-84981-4 Datasheet
643Kb / 32P
FPC Connector Family
84981-4 MACOM-84981-4 Datasheet
662Kb / 32P
FPC Connector Family
More results


Similar Description - 84981-4

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
53780-3070 MOLEX-53780-3070 Datasheet
406Kb / 5P
1.25 W/B CONN WAFER ASSY FOR SMT
0524662871 MOLEX11-0524662871 Datasheet
319Kb / 3P
0.8 BOARD TO BOARD CONN HOUSING ASSY SMT
0525881875 MOLEX11-0525881875 Datasheet
298Kb / 3P
0.8 BOARD TO BOARD CONN HOUSING ASSY SMT
0533980471 MOLEX11-0533980471 Datasheet
438Kb / 5P
1.25 W/B CONN. ASSY FOR SMT(ST.)
0533980571 MOLEX11-0533980571 Datasheet
438Kb / 5P
1.25 W/B CONN. ASSY FOR SMT(ST.)
52365-1091 MOLEX11-52365-1091 Datasheet
255Kb / 3P
1.0 BOARD TO BOARD CONN. REC. HSG. ASSY SMT
logo
TE Connectivity Ltd
C-84984 TEC-C-84984 Datasheet
167Kb / 2P
ASSY, 1.00mm FFC CONN DIP, V
C-84534 TEC-C-84534 Datasheet
193Kb / 1P
ASSY, 1.25mm FFC CONN, VERTICAL
logo
Molex Electronics Ltd.
5050660000 MOLEX-5050660000 Datasheet
480Kb / 5P
0.35 BB CONN. H=0.6 SSB6 RP REC ASSY
2022/11/30
5050700000 MOLEX-5050700000 Datasheet
336Kb / 5P
0.35 BB CONN. H=0.6 SSB6 RP PLUG ASSY
2019/02/27
More results




About Tyco Electronics


Tyco Electronics was a leading provider of electronic components, network solutions, and wireless systems. The company was originally established in 1999 as Tyco International and was later renamed Tyco Electronics in 2007. Tyco Electronics had a global presence, with operations in over 50 countries and a workforce of approximately 20,000 employees.

The company provided a wide range of products and services, including connectors, relays, power management solutions, circuit protection devices, and other electronic components for a variety of industries, including automotive, communications, medical, industrial, and consumer electronics. Tyco Electronics was known for its focus on quality, reliability, and innovation, and was recognized as a leader in the electronics industry.

In 2012, Tyco Electronics was acquired by TE Connectivity, a leading provider of connectivity and sensor solutions. The acquisition helped TE Connectivity expand its product portfolio and offerings in the electronics industry and further strengthen its position in the market. Tyco Electronics is now a subsidiary of TE Connectivity and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com