Electronic Components Datasheet Search
  English  ▼

X  

ACPM-7392 Datasheet (PDF) - AVAGO TECHNOLOGIES LIMITED

ACPM-7392 Datasheet PDF - AVAGO TECHNOLOGIES LIMITED
Part # ACPM-7392
Download  ACPM-7392 Download
File Size   788.31 Kbytes
Page   18 Pages
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED
Description UTMS1700/2100(1710-1755MHz) and UMTS1700(1750-1785MHz)

ACPM-7392 Datasheet (PDF)

Go To PDF Page Download Datasheet
ACPM-7392 Datasheet PDF - AVAGO TECHNOLOGIES LIMITED

Part # ACPM-7392
Download  ACPM-7392 Click to download

File Size   788.31 Kbytes
Page   18 Pages
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED
Description UTMS1700/2100(1710-1755MHz) and UMTS1700(1750-1785MHz)

ACPM-7392 Datasheet (HTML) - AVAGO TECHNOLOGIES LIMITED


ACPM-7392 Product details

Description
The ACPM-7392 is a fully matched 10-pin surface mount module developed for UMTS Band4 and Band9. This power amplifer module operates in the 1710-1785MHz bandwidth. The ACPM-7392 meets stringent UMTS linearity requirements up to 28.4dBm output power in band4 and 28.0dBm output power in band9. The 4mmx4mm form factor package is self contained, incorporating 50ohm input and output matching networks

Features
• Thin Package (0.9mm typ)
• Excellent Linearity
• 3-mode power control with Vbp and Vmode Bypass / Mid Power Mode / High Power Mode
• High Efciency at max output power
• 10-pin surface mounting package
• Internal 50ohm matching networks for both RF input and output
• Lead-free, RoHS compliant, Green

Applications
• UMTS Band4 and Band9




Similar Part No. - ACPM-7392

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
ACPM-7392 BOARDCOM-ACPM-7392 Datasheet
769Kb / 18P
UTMS1700/2100(1710-1755MHz) and UMTS1700(1750-1785MHz)
ACPM-7392-BLK BOARDCOM-ACPM-7392-BLK Datasheet
769Kb / 18P
UTMS1700/2100(1710-1755MHz) and UMTS1700(1750-1785MHz)
ACPM-7392-TR1 BOARDCOM-ACPM-7392-TR1 Datasheet
769Kb / 18P
UTMS1700/2100(1710-1755MHz) and UMTS1700(1750-1785MHz)
More results


Similar Description - ACPM-7392

ManufacturerPart #DatasheetDescription
logo
Dynex Semiconductor
MA31750 DYNEX-MA31750 Datasheet
436Kb / 42P
High Performance MIL-STD-1750 Microprocessor
logo
Vishay Siliconix
2150 VISHAY-2150 Datasheet
125Kb / 1P
2100 System Rack Adapters and Cabinets
20-Nov-03
logo
Amphenol Corporation
00175110300 AMPHENOL-00175110300 Datasheet
689Kb / 2P
Terminal Junctions Modules with Fast and Sealed Terminations Type 1750-1765
logo
AVAGO TECHNOLOGIES LIMI...
ACPM-5004-TR1 AVAGO-ACPM-5004-TR1 Datasheet
352Kb / 13P
Multimode PA - UMTS 1700MHz PA (1710-1785MHz) 3x3mm Power Amplifier Module with Coupler
ACPM-5204 AVAGO-ACPM-5204 Datasheet
320Kb / 13P
UMTS Band4 (1710-1755MHz) 3x3mm Power Amplifi er Module
logo
List of Unclassifed Man...
C1700HOAAC ETC2-C1700HOAAC Datasheet
147Kb / 2P
1700 & 1750 Toggle Switches 16A 250Vac Single and Double Pole
logo
Assmann Electronics Inc...
V6534A-T ASSMANN-V6534A-T Datasheet
40Kb / 1P
ASS 2100 HS
logo
Fluke Corporation
1750 FLUKE-1750 Datasheet
2Mb / 8P
Fluke 1750 Three-Phase Power Recorder
logo
Broadcom Corporation.
ACPM-5004-TR1 BOARDCOM-ACPM-5004-TR1 Datasheet
352Kb / 13P
Multimode PA - UMTS 1700MHz PA (1710-1785MHz) 3x3mm Power Amplifier Module with Coupler
ACPM-7392 BOARDCOM-ACPM-7392 Datasheet
769Kb / 18P
UTMS1700/2100(1710-1755MHz) and UMTS1700(1750-1785MHz)
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com