Electronic Components Datasheet Search
  English  ▼

X  

UF8010 Datasheet (PDF) - Yea Shin Technology Co., Ltd

UF8010 Datasheet PDF - Yea Shin Technology Co., Ltd
Part # UF8010
Download  UF8010 Download
File Size   70.01 Kbytes
Page   2 Pages
Manufacturer  YEASHIN [Yea Shin Technology Co., Ltd]
Direct Link  http://www.yeashin.com
Logo YEASHIN - Yea Shin Technology Co., Ltd
Description ULTRAFAST SWITCHING RECTIFIERS VOLTAGE- 50 to 1000 Volts CURRENT - 8.0 Ampere

UF8010 Datasheet (PDF)

Go To PDF Page Download Datasheet
UF8010 Datasheet PDF - Yea Shin Technology Co., Ltd

Part # UF8010
Download  UF8010 Click to download

File Size   70.01 Kbytes
Page   2 Pages
Manufacturer  YEASHIN [Yea Shin Technology Co., Ltd]
Direct Link  http://www.yeashin.com
Logo YEASHIN - Yea Shin Technology Co., Ltd
Description ULTRAFAST SWITCHING RECTIFIERS VOLTAGE- 50 to 1000 Volts CURRENT - 8.0 Ampere

UF8010 Datasheet (HTML) - Yea Shin Technology Co., Ltd


UF8010 Product details

VOLTAGE- 50 to 1000 Volts CURRENT - 8.0 Ampere



FEATURES

• Plastic package has Underwriters Laboratory

  Flammability Classification 94V-O utilizing

  Flame Retardant Epoxy Molding Compound.

• Exceeds environmental standards of MIL-S-19500/228

• Low power loss, high efficiency.

• Low forwrd voltge, high current capability

• High surge capacity.

• Ultra fast recovery times, high voltage.

• High temperature soldering : 260OC / 10 seconds at terminals

• Pb free product at available : 99% Sn above meet RoHS environment substance directive request



MECHANICAL DATA

• Case: TO-220AC full molded plastic package

• Terminals: Lead solderable per MIL-STD-202, Method 208

• Polarity: As marked.

• Standard packaging: Any

• Weight: 0.08 ounces, 2.24grams.



MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS

Ratings at 25°C ambient temperature unless otherwise specified.

Single phase, half wave, 60 Hz, resistive or inductive load.

For capacitive load, derate current by 20%




Similar Part No. - UF8010

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UF8010 UTC-UF8010 Datasheet
215Kb / 6P
80 Amps, 100 Volts N-CHANNEL POWER MOSFET
UF8010 UTC-UF8010 Datasheet
193Kb / 6P
80A, 100V N-CHANNEL POWER MOSFET
logo
PACELEADER INDUSTRIAL
UF8010 PACELEADER-UF8010 Datasheet
284Kb / 2P
SUPERFAST mount reverse voltage
logo
Yea Shin Technology Co....
UF8010F YEASHIN-UF8010F Datasheet
39Kb / 2P
ULTRAFAST SWITCHING RECTIFIERS VOLTAGE- 50 to 1000 Volts CURRENT - 8.0 Ampere
logo
PACELEADER INDUSTRIAL
UF8010F PACELEADER-UF8010F Datasheet
327Kb / 2P
SURFACE MOUNT REVERSE voltage
More results


Similar Description - UF8010

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
1U1 PANJIT-1U1 Datasheet
55Kb / 2P
ULTRAFAST SWITCHING RECTIFIER(VOLTAGE - 50 to 1000 Volts CURRENT - 1.0 Ampere)
UF100 PANJIT-UF100 Datasheet
54Kb / 2P
ULTRAFAST SWITCHING RECTIFIER(VOLTAGE - 50 to 1000 Volts CURRENT - 1.0 Ampere)
UF100S PANJIT-UF100S Datasheet
55Kb / 2P
ULTRAFAST SWITCHING RECTIFIER(VOLTAGE - 50 to 1000 Volts CURRENT - 1.0 Ampere)
logo
DAESAN ELECTRONIC CORP.
FR801 DAESAN-FR801 Datasheet
316Kb / 2P
CURRENT 8.0 Amperes VOLTAGE 50 to 1000 Volts
KBU8A DAESAN-KBU8A Datasheet
181Kb / 2P
CURRENT 8.0 Amperes VOLTAGE 50 to 1000 Volts
logo
Yea Shin Technology Co....
UF100 YEASHIN-UF100 Datasheet
79Kb / 2P
ULTRAFAST SWITCHING RECTIFIER VOLTAGE - 50 to 1000 Volts CURRENT - 1.0 Ampere
UF100G YEASHIN-UF100G Datasheet
43Kb / 2P
ULTRAFAST SWITCHING RECTIFIER VOLTAGE - 50 to 1000 Volts CURRENT - 1.0 Ampere
UF150 YEASHIN-UF150 Datasheet
41Kb / 2P
ULTRAFAST SWITCHING RECTIFIER VOLTAGE - 50 to 1000 Volts CURRENT - 1.5 Ampere
UF800F YEASHIN-UF800F Datasheet
39Kb / 2P
ULTRAFAST SWITCHING RECTIFIERS VOLTAGE- 50 to 1000 Volts CURRENT - 8.0 Ampere
UF1000CT YEASHIN-UF1000CT Datasheet
40Kb / 2P
ULTRAFAST SWITCHING RECTIFIERS VOLTAGE- 50 to 800 Volts CURRENT - 10.0 Ampere
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com