Electronic Components Datasheet Search
  English  ▼

X  

HCPL-550K Datasheet (PDF) - AVAGO TECHNOLOGIES LIMITED

HCPL-550K Datasheet PDF - AVAGO TECHNOLOGIES LIMITED
Part # HCPL-550K
Download  HCPL-550K Download
File Size   190.91 Kbytes
Page   13 Pages
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED
Description Hermetically Sealed, Tansistor Output Optocouplers for Analog and Digital Applications

HCPL-550K Datasheet (PDF)

Go To PDF Page Download Datasheet
HCPL-550K Datasheet PDF - AVAGO TECHNOLOGIES LIMITED

Part # HCPL-550K
Download  HCPL-550K Click to download

File Size   190.91 Kbytes
Page   13 Pages
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED
Description Hermetically Sealed, Tansistor Output Optocouplers for Analog and Digital Applications

HCPL-550K Datasheet (HTML) - AVAGO TECHNOLOGIES LIMITED


HCPL-550K Product details

Description

These units are single, dual and quad channel, hermetically sealed optocouplers. The products are capable of operation and storage over the full military temperature range and can be purchased as either standard product or with full MIL-PRF-38534 Class Level H or K testing or from the appropriate DLA Drawing. All devices are manufactured and tested on a MIL-PRF-38534 certifed line and are included in the DLA Qualifed Manufacturers List QML-38534 for Hybrid Microcircuits.



Features

• Dual Marked with Device Part Number and DLA Drawing Number

• Manufactured and Tested on a MIL-PRF-38534 Certifed Line

• QML-38534, Class H and K

• Five Hermetically Sealed Package Confgurations

• Performance Guaranteed over Full Military Temperature Range: -55°C to +125°C

• High Speed: Typically 400 kBit/s

• 9 MHz Bandwidth

• Open Collector Output

• 2-18 Volt VCC Range

• 1500 Vdc Withstand Test Voltage

• High Radiation Immunity

• 6N135, 6N136, HCPL-2530/2531, Function Compatibility

• Reliability Data



Applications

• Military and Space

• High Reliability Systems

• Vehicle Command, Control, Life Critical Systems

• Line Receivers

• Switching Power Supply

• Voltage Level Shifting

• Analog Signal Ground Isolation (see Figures 7, 8, and 13)

• Isolated Input Line Receiver

• Isolated Output Line Driver

• Logic Ground Isolation

• Harsh Industrial Environments

• Isolation for Test Equipment Systems



 




Similar Part No. - HCPL-550K

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HCPL-550K HP-HCPL-550K Datasheet
244Kb / 12P
Hermetically Sealed, Transistor Output Optocouplers for Analog and Digital Applications
HCPL-550K HP-HCPL-550K Datasheet
195Kb / 14P
Hermetically Sealed, Transistor Output Optocouplers for Analog and Digital Applications
More results


Similar Description - HCPL-550K

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
4N55 HP-4N55 Datasheet
244Kb / 12P
Hermetically Sealed, Transistor Output Optocouplers for Analog and Digital Applications
HCPL-5300 HP-HCPL-5300 Datasheet
261Kb / 16P
Intelligent Power Module and Gate Drive Interface Hermetically Sealed Optocouplers
HCPL-553X HP-HCPL-553X Datasheet
195Kb / 14P
Hermetically Sealed, Transistor Output Optocouplers for Analog and Digital Applications
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-5531 AVAGO-HCPL-5531 Datasheet
191Kb / 13P
Hermetically Sealed, Transistor Output Optocouplers for Analog and Digital Applications
HCPL-257K AVAGO-HCPL-257K Datasheet
191Kb / 13P
Hermetically Sealed, Transistor Output Optocouplers for Analog and Digital Applications
HCPL-6551 AVAGO-HCPL-6551 Datasheet
191Kb / 13P
Hermetically Sealed, Transistor Output Optocouplers for Analog and Digital Applications
HCPL-5300 AVAGO-HCPL-5300_12 Datasheet
137Kb / 15P
Intelligent Power Module and Gate Drive Interface Hermetically Sealed Optocouplers
logo
Broadcom Corporation.
4N55 BOARDCOM-4N55 Datasheet
1Mb / 15P
Hermetically Sealed, Transistor Output Optocouplers for Analog and Digital Applications
ACPL-785E BOARDCOM-ACPL-785E Datasheet
1Mb / 16P
Hermetically Sealed Analog Isolation Amplifier
HCPL-5300 BOARDCOM-HCPL-5300 Datasheet
1Mb / 16P
Intelligent Power Module and Gate Drive Interface Hermetically Sealed Optocouplers
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com