Electronic Components Datasheet Search
  English  ▼

X  

AK8772 Datasheet (PDF) - Asahi Kasei Microsystems

AK8772 Datasheet PDF - Asahi Kasei Microsystems
Part # AK8772
Download  AK8772 Download
File Size   150.24 Kbytes
Page   5 Pages
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems
Description AK8772 is ultra-small Hall effect IC of a single silicon chip composed of Hall element and a signal processing IC

AK8772 Datasheet (PDF)

Go To PDF Page Download Datasheet
AK8772 Datasheet PDF - Asahi Kasei Microsystems

Part # AK8772
Download  AK8772 Click to download

File Size   150.24 Kbytes
Page   5 Pages
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems
Description AK8772 is ultra-small Hall effect IC of a single silicon chip composed of Hall element and a signal processing IC

AK8772 Datasheet (HTML) - Asahi Kasei Microsystems


AK8772 Product details

AK8772 is ultra-small Hall effect IC of a single silicon chip composed of Hall element and a signal processing IC.



● Features

• Precision Bipolar Hall Effect Latch

• Power manageability through "PDN" pin

 Current consumption in Power down mode is less than 1μA

• Low current consumption at active mode : less than avg.

 150μA@VDD=3V

• Ultra small SON package : 1.1×1.4×t0.37mm, Halogen free



 




Similar Part No. - AK8772

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK8771 AKM-AK8771 Datasheet
941Kb / 5P
High sensitivity alternating behavior Hall IC
AK8775 AKM-AK8775 Datasheet
126Kb / 10P
Hall IC for Pulse Encoder
AK8776 AKM-AK8776 Datasheet
157Kb / 11P
Hall IC for Pulse Encoder
AK8777B AKM-AK8777B Datasheet
506Kb / 10P
HALL EFFECT IC FOR PULSE ENCODERS
AK8778 AKM-AK8778 Datasheet
547Kb / 12P
HALL EFFECT IC FOR PULSE ENCODERS
More results


Similar Description - AK8772

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK8788 AKM-AK8788 Datasheet
146Kb / 5P
AK8788 is ultra-small Hall effect IC of a single silicon chip composed of Hall element and a signal processing IC
AK8788A AKM-AK8788A Datasheet
148Kb / 5P
AK8788A is ultra-small Hall effect IC of a single silicon chip composed of Hall element and a signal processing IC
EM-0711 AKM-EM-0711 Datasheet
120Kb / 3P
EM-0711 is ultra-small Hall effect ICs of a single silicon chip composed of Hall element and a signal processing IC
EM-1011 AKM-EM-1011 Datasheet
128Kb / 3P
EM-1011 is ultra-small Hall effect ICs of a single silicon chip composed of Hall element and a signal processing IC
EM-1711 AKM-EM-1711 Datasheet
138Kb / 3P
EM-1711 is ultra-small Hall effect ICs of a single silicon chip composed of Hall element and a signal processing IC
EM-1712 AKM-EM-1712 Datasheet
134Kb / 3P
EM-1712 is ultra-small Hall effect ICs of a single silicon chip composed of Hall element and a signal processing IC
EM-1771 AKM-EM-1771 Datasheet
131Kb / 3P
EM-1771 is ultra-small Hall effect ICs of a single silicon chip composed of Hall element and a signal processing IC
EM-1781 AKM-EM-1781 Datasheet
132Kb / 3P
EM-1781 is ultra-small Hall effect ICs of a single silicon chip composed of Hall element and a signal processing IC
EM-1791 AKM-EM-1791 Datasheet
133Kb / 3P
EM-1791 is ultra-small Hall effect ICs of a single silicon chip composed of Hall element and a signal processing IC
EM-6781 AKM-EM-6781 Datasheet
133Kb / 3P
EM-6781 is ultra-small Hall effect ICs of a single silicon chip composed of Hall element and a signal processing IC
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com