Electronic Components Datasheet Search
  English  ▼

X  

252951B Datasheet (PDF) - Integrated Technology Future

252951B Datasheet PDF - Integrated Technology Future
Part # 252951B
Download  252951B Download
File Size   176.71 Kbytes
Page   2 Pages
Manufacturer  ITF [Integrated Technology Future]
Direct Link  http://www.itf.co.kr
Logo ITF - Integrated Technology Future
Description 120.0 MHz SAW Filter

252951B Datasheet (PDF)

Go To PDF Page Download Datasheet
252951B Datasheet PDF - Integrated Technology Future

Part # 252951B
Download  252951B Click to download

File Size   176.71 Kbytes
Page   2 Pages
Manufacturer  ITF [Integrated Technology Future]
Direct Link  http://www.itf.co.kr
Logo ITF - Integrated Technology Future
Description 120.0 MHz SAW Filter

252951B Datasheet (HTML) - Integrated Technology Future




Similar Part No. - 252951B

ManufacturerPart #DatasheetDescription
logo
Weidmuller
2529510000 WEIDMULLER-2529510000 Datasheet
305Kb / 7P
SV-SMT 7.62HP/05/270MF4 SC/4 2.6SN BX
More results


Similar Description - 252951B

ManufacturerPart #DatasheetDescription
logo
Oscilent Corporation
821-IF120.0M-C OSCILENT-821-IF120.0M-C Datasheet
233Kb / 2P
120.0 MHz IF SAW Filter
820-IF120.0M-C OSCILENT-820-IF120.0M-C Datasheet
270Kb / 2P
120.0 MHz IF SAW Filter
813-IF120.0M-14A OSCILENT-813-IF120.0M-14A Datasheet
223Kb / 6P
120.0 MHz IF SAW Filter 14.35 MHz Bandwidth
820-IF120.0M-16A OSCILENT-820-IF120.0M-16A Datasheet
227Kb / 6P
120.0 MHz IF SAW Filter 16.13 MHz Bandwidth
820-IF120.0M-16B OSCILENT-820-IF120.0M-16B Datasheet
195Kb / 6P
120.0 MHz IF SAW Filter 16.24 MHz Bandwidth
821-IF120.0M-29B OSCILENT-821-IF120.0M-29B Datasheet
282Kb / 6P
120.0 MHz IF SAW Filter 29.52 MHz Bandwidth
logo
Transko Electronics, In...
TA12011BV TRANSKO-TA12011BV Datasheet
651Kb / 4P
120.0 MHz IF SAW Filter / 11.47 MHz Bandwidth
Revision 0: 06. Mar. 2008
TA12019DV TRANSKO-TA12019DV Datasheet
571Kb / 4P
120.0 MHz IF SAW Filter / 19.48 MHz Bandwidth
Revision 0: 24. Dec. 2008
TA12029AD1 TRANSKO-TA12029AD1 Datasheet
561Kb / 4P
120.0 MHz IF SAW Filter / 29.47 MHz Bandwidth
Revision 0: 26. Oct. 2009
TF-012002-D70 TRANSKO-TF-012002-D70 Datasheet
589Kb / 4P
120.0 MHz IF SAW Filter / 8.95 MHz Bandwidth
Revision 0: July 2013
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com