Electronic Components Datasheet Search
  English  ▼

X  

250966B Datasheet (PDF) - Integrated Technology Future

250966B Datasheet PDF - Integrated Technology Future
Part # 250966B
Download  250966B Download
File Size   178.31 Kbytes
Page   2 Pages
Manufacturer  ITF [Integrated Technology Future]
Direct Link  http://www.itf.co.kr
Logo ITF - Integrated Technology Future
Description 190.0 MHz SAW Filter

250966B Datasheet (PDF)

Go To PDF Page Download Datasheet
250966B Datasheet PDF - Integrated Technology Future

Part # 250966B
Download  250966B Click to download

File Size   178.31 Kbytes
Page   2 Pages
Manufacturer  ITF [Integrated Technology Future]
Direct Link  http://www.itf.co.kr
Logo ITF - Integrated Technology Future
Description 190.0 MHz SAW Filter

250966B Datasheet (HTML) - Integrated Technology Future




Similar Part No. - 250966B

ManufacturerPart #DatasheetDescription
logo
Alpha Wire
25096 ALPHAWIRE-25096 Datasheet
93Kb / 4P
Customer Specification
1/5/2023
logo
Weidmuller
2509600000 WEIDMULLER-2509600000 Datasheet
529Kb / 8P
B2CF 3.50/06/180 SN OR BX LRP
logo
Integrated Technology F...
250960B ITF-250960B Datasheet
184Kb / 2P
Typical 1dB bandwidth of 9.3 MHz
Rev 1.0 2013. 05. 06
logo
Weidmuller
2509610000 WEIDMULLER-2509610000 Datasheet
534Kb / 8P
B2CF 3.50/08/180 SN OR BX LRP
logo
Integrated Technology F...
250961B ITF-250961B Datasheet
175Kb / 2P
Typical 1dB bandwidth of 9.3 MHz
Rev 1.0 2013. 05. 06
More results


Similar Description - 250966B

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
SF0063CN02271T ICST-SF0063CN02271T Datasheet
89Kb / 2P
63 MHz SAW Bandpass Filter 63 MHz SAW Bandpass Filter
Rev X1
SF0096BA02394S ICST-SF0096BA02394S Datasheet
138Kb / 2P
96 MHz SAW Bandpass Filter 96 MHz SAW Bandpass Filter
logo
API Technologies Corp
SF0240CD03109S APITECH-SF0240CD03109S Datasheet
154Kb / 3P
240 MHz SAW Filter 240 MHz SAW Filter
SF0185BA02302S APITECH-SF0185BA02302S Datasheet
126Kb / 3P
185.76 MHz SAW Bandpass Filter 185.76 MHz SAW Bandpass Filter
SF0162BA03266S APITECH-SF0162BA03266S Datasheet
1Mb / 3P
SAW Filter 162 MHz SAW Bandpass Filter, 0.06 MHz Bandwidth
logo
Oscilent Corporation
821-IF190.0M-26A OSCILENT-821-IF190.0M-26A Datasheet
209Kb / 6P
190.0 MHz IF SAW Filter 26.45 MHz Bandwidth
821-IF190.0M-26B OSCILENT-821-IF190.0M-26B Datasheet
211Kb / 6P
190.0 MHz IF SAW Filter 26.40 MHz Bandwidth
logo
Golledge Electronics Lt...
MA05609 GOLLEDGE-MA05609 Datasheet
229Kb / 4P
190.0 MHz SAW Filter
logo
Transko Electronics, In...
TA19026AD1 TRANSKO-TA19026AD1 Datasheet
565Kb / 4P
190.0 MHz IF SAW Filter / 26.45 MHz Bandwidth
Revision 0: 21. Apr. 2009
TA19026BD1 TRANSKO-TA19026BD1 Datasheet
528Kb / 4P
190.0 MHz IF SAW Filter / 26.40 MHz Bandwidth
Revision 0: 06. May 2009
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com