Electronic Components Datasheet Search
  English  ▼

X  

MRF858S Datasheet (PDF) - Motorola, Inc

MRF858S Datasheet PDF - Motorola, Inc
Part # MRF858S
Download  MRF858S Download
File Size   164.3 Kbytes
Page   6 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description NPN SILICON RF POWER TRANSISTOR

MRF858S Datasheet (PDF)

Go To PDF Page Download Datasheet
MRF858S Datasheet PDF - Motorola, Inc

Part # MRF858S
Download  MRF858S Click to download

File Size   164.3 Kbytes
Page   6 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description NPN SILICON RF POWER TRANSISTOR

MRF858S Datasheet (HTML) - Motorola, Inc


MRF858S Product details

The RF Line
NPN Silicon RF Power Transistor

Designed for 24 Volt UHF large–signal, common emitter, class A linear amplifier applications in industrial and commercial equipment operating in the range of 800–960 MHz.

• Specified for VCE = 24 Vdc, IC = 0.5 Adc Characteristics
   Output Power = 3.6 Watts CW
   Minimum Power Gain = 11 dB
   Minimum ITO = +44.5 dBm
   Typical Noise Figure = 6 dB
• Characterized with Small–Signal S–Parameters and Series Equivalent
   Large–Signal Parameters from 800–960 MHz
• Silicon Nitride Passivated
• 100% Tested for Load Mismatch Stress at All Phase Angles with 30:1
   VSWR @ 24 Vdc, IC = 0.5 Adc and Rated Output Power
• Will Withstand RF Input Overdrive of 0.85 W CW
• Gold Metallized, Emitter Ballasted for Long Life and Resistance to Metal
   Migration
• Circuit board photomaster available upon request by contacting
   RF Tactical Marketing in Phoenix, AZ.




Similar Part No. - MRF858S

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MRF857 MOTOROLA-MRF857 Datasheet
103Kb / 6P
NPN SILICON RF POWER TRANSISTOR
MRF857 MOTOROLA-MRF857 Datasheet
174Kb / 6P
NPN SILICON RF POWER TRANSISTOR
MRF857D MOTOROLA-MRF857D Datasheet
174Kb / 6P
NPN SILICON RF POWER TRANSISTOR
MRF857S MOTOROLA-MRF857S Datasheet
174Kb / 6P
NPN SILICON RF POWER TRANSISTOR
logo
New Jersey Semi-Conduct...
MRF857S NJSEMI-MRF857S Datasheet
102Kb / 2P
NPN Silicon RF Power Transistor
More results


Similar Description - MRF858S

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE346 NTE-NTE346 Datasheet
23Kb / 2P
Silicon NPN Transistor RF Power Transistor
logo
Tyco Electronics
MRF16030 MACOM-MRF16030 Datasheet
133Kb / 5P
RF POWER TRANSISTOR NPN SILICON
MRF429 MACOM-MRF429 Datasheet
163Kb / 5P
RF POWER TRANSISTOR NPN SILICON
logo
Advanced Semiconductor
BLV30 ASI-BLV30 Datasheet
13Kb / 1P
NPN SILICON RF POWER TRANSISTOR
MRF315A ASI-MRF315A Datasheet
14Kb / 1P
NPN SILICON RF POWER TRANSISTOR
REV. A
ASIS50-28 ASI-ASIS50-28 Datasheet
20Kb / 1P
NPN SILICON RF POWER TRANSISTOR
MRA0610-18A ASI-MRA0610-18A Datasheet
14Kb / 1P
NPN SILICON RF POWER TRANSISTOR
CM45-28 ASI-CM45-28 Datasheet
15Kb / 1P
NPN SILICON RF POWER TRANSISTOR
BM30-12 ASI-BM30-12 Datasheet
60Kb / 1P
NPN SILICON RF POWER TRANSISTOR
B25-28 ASI-B25-28 Datasheet
14Kb / 1P
NPN SILICON RF POWER TRANSISTOR
More results




About Motorola, Inc


Motorola, Inc. was an American multinational telecommunications company that was founded in 1928. It was headquartered in Schaumburg, Illinois and was one of the largest providers of mobile phones, telecommunication equipment, and semiconductors. Throughout its history, Motorola was known for its innovation in the field of telecommunications, including the development of the world's first commercially available cellular telephone, the DynaTAC, and the world's first two-way pager, the Pageboy.

In 2011, Motorola split into two separate companies: Motorola Mobility and Motorola Solutions. Motorola Mobility was later acquired by Google in 2012, and is now a subsidiary of Lenovo. Motorola Solutions focuses on public safety and commercial and industrial communication solutions. The company provides a wide range of products including two-way radios, mobile computing devices, and network infrastructure equipment.

Motorola was one of the pioneers of the mobile phone industry and has a rich history of innovation and technological advancements. The company's legacy continues through its subsidiaries and its technology and products continue to be used around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com