Electronic Components Datasheet Search
  English  ▼

X  

59PR9875N Datasheet (PDF) - International Rectifier

59PR9875N Datasheet PDF - International Rectifier
Part # 59PR9875N
Download  59PR9875N Download
File Size   2539.93 Kbytes
Page   45 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description 9A Highly Integrated SupIRBuck Single.Input Voltage

59PR9875N Datasheet (PDF)

Go To PDF Page Download Datasheet
59PR9875N Datasheet PDF - International Rectifier

Part # 59PR9875N
Download  59PR9875N Click to download

File Size   2539.93 Kbytes
Page   45 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description 9A Highly Integrated SupIRBuck Single.Input Voltage

59PR9875N Datasheet (HTML) - International Rectifier




Similar Part No. - 59PR9875N

ManufacturerPart #DatasheetDescription
logo
International Rectifier
59PR9875N IRF-59PR9875N Datasheet
2Mb / 43P
12A HIGHLY INTERGRATED SUPLRBUCK
59PR9875N IRF-59PR9875N Datasheet
2Mb / 43P
16A HIGHLY INTERGRATED SUPLRBUCK
59PR9875N IRF-59PR9875N Datasheet
4Mb / 14P
USER GUIDE FOR IR3895 EVALUATION BOARD
59PR9875N IRF-59PR9875N Datasheet
2Mb / 49P
16A Highly Integrated SupIRBuck Single-Input Voltage, Synchronous Buck Regulator
59PR9875N IRF-59PR9875N Datasheet
2Mb / 45P
12A Highly Integrated SupIRBuck Single?륤nput Voltage
More results


Similar Description - 59PR9875N

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR3476 IRF-IR3476 Datasheet
1Mb / 21P
12A Highly Integrated SupIRBuck IR3476 TM
IR3899 IRF-IR3899 Datasheet
2Mb / 43P
9A HIGHLY INTEGRATED SUPLRBUCK
IP1827 IRF-IP1827 Datasheet
2Mb / 39P
Highly Integrated 25A Single.input Voltage, Synchronous Buck Regulator
IR3473 IRF-IR3473 Datasheet
909Kb / 22P
6A Highly Integrated SupIRBuck Input Voltage Range: 3V to 27V
IR3827 IRF-IR3827 Datasheet
2Mb / 44P
6A Highly Integrated SupIRBuck Single-Input Voltage, Synchronous Buck Regulator
IR3891 IRF-IR3891 Datasheet
1Mb / 47P
Dual output, 4A/Phase, Highly Integrated SupIRBuck
IR3894 IRF-IR3894_13 Datasheet
2Mb / 45P
12A Highly Integrated SupIRBuck Single?륤nput Voltage
IR3895 IRF-IR3895_13 Datasheet
2Mb / 45P
16A Highly Integrated SupIRBuck
IR3897 IRF-IR3897_13 Datasheet
2Mb / 47P
4A Highly Integrated SupIRBuck Single?륤nput Voltage
IR3898 IRF-IR3898_13 Datasheet
3Mb / 46P
6A Highly Integrated SupIRBuck
More results




About International Rectifier


International Rectifier (IR) was an American company that specialized in the design and manufacture of power management and power control semiconductors.
The company was founded in 1947 and was headquartered in El Segundo, California.
IR provided a wide range of products including power management ICs, power MOSFETs, IGBTs, and other power control products.
The company's products were used in various applications such as computing, telecommunications, and industrial automation.
IR was known for its expertise in power management and control technology and its ability to deliver high-quality and reliable products to its customers.
In 2014, IR was acquired by Infineon Technologies, a leading provider of power management and control products and other semiconductor solutions.
The International Rectifier brand is no longer in use, but its technology and products continue to be a part of Infineon's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com