Electronic Components Datasheet Search
  English  ▼

X  

1N6001B Datasheet (PDF) - Yea Shin Technology Co., Ltd

1N6001B Datasheet PDF - Yea Shin Technology Co., Ltd
Part # 1N6001B
Download  1N6001B Download
File Size   1201.17 Kbytes
Page   9 Pages
Manufacturer  YEASHIN [Yea Shin Technology Co., Ltd]
Direct Link  http://www.yeashin.com
Logo YEASHIN - Yea Shin Technology Co., Ltd
Description 500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators

1N6001B Datasheet (PDF)

Go To PDF Page Download Datasheet
1N6001B Datasheet PDF - Yea Shin Technology Co., Ltd

Part # 1N6001B
Download  1N6001B Click to download

File Size   1201.17 Kbytes
Page   9 Pages
Manufacturer  YEASHIN [Yea Shin Technology Co., Ltd]
Direct Link  http://www.yeashin.com
Logo YEASHIN - Yea Shin Technology Co., Ltd
Description 500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators

1N6001B Datasheet (HTML) - Yea Shin Technology Co., Ltd


1N6001B Product details

Specification Features
• Zener Voltage Range = 2.4 V to 110 V
• ESD Rating of Class 3 (>16 KV) per Human Body Model
• DO-35 Package (DO-204AH)
• Double Slug Type Construction
• Metallurgical Bonding




Similar Part No. - 1N6001B

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
1N6001B FAIRCHILD-1N6001B Datasheet
145Kb / 5P
Zeners
logo
Micro Commercial Compon...
1N6001B MCC-1N6001B Datasheet
173Kb / 3P
500 mW Zener Diode 2.4 ??47Volts
logo
Microsemi Corporation
1N6001BUR MICROSEMI-1N6001BUR Datasheet
397Kb / 5P
Surface Mount 500 mW Zener Diodes
Rev. 1
1N6001BUR-1 MICROSEMI-1N6001BUR-1 Datasheet
397Kb / 5P
Surface Mount 500 mW Zener Diodes
Rev. 1
More results


Similar Description - 1N6001B

ManufacturerPart #DatasheetDescription
logo
Tak Cheong Electronics ...
1N4370A TAK_CHEONG-1N4370A Datasheet
166Kb / 3P
500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
1N5221B TAK_CHEONG-1N5221B Datasheet
133Kb / 4P
500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
TC1N5221B TAK_CHEONG-TC1N5221B Datasheet
92Kb / 3P
500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
TCBZX55C2V0 TAK_CHEONG-TCBZX55C2V0 Datasheet
181Kb / 6P
500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
TCZL2V4B TAK_CHEONG-TCZL2V4B Datasheet
174Kb / 5P
500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
1N750A TAK_CHEONG-1N750A Datasheet
316Kb / 4P
500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
BZX79C110 TAK_CHEONG-BZX79C110_10 Datasheet
178Kb / 3P
500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
logo
Yea Shin Technology Co....
1N5221B YEASHIN-1N5221B Datasheet
1Mb / 10P
500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
ZL2V4B YEASHIN-ZL2V4B Datasheet
604Kb / 3P
500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
ZX2V0 YEASHIN-ZX2V0 Datasheet
815Kb / 5P
500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com