Electronic Components Datasheet Search
  English  ▼

X  

BR200 Datasheet (PDF) - Sanken electric

BR200 Datasheet PDF - Sanken electric
Part # BR200
Download  BR200 Download
File Size   683.72 Kbytes
Page   12 Pages
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric
Description POL Converter Module for 12 V System Intermediate Bus

BR200 Datasheet (PDF)

Go To PDF Page Download Datasheet
BR200 Datasheet PDF - Sanken electric

Part # BR200
Download  BR200 Click to download

File Size   683.72 Kbytes
Page   12 Pages
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric
Description POL Converter Module for 12 V System Intermediate Bus

BR200 Datasheet (HTML) - Sanken electric


BR200 Product details

Description

The BR200 and BR201 are thin type POL converter modules with an industry standard exterior shape and footprint, responsive to very high speed loads and compatible with ceramic capacitors.



Features and Benefits

• Industry standard footprint

• Improved soldering: gold-plated pads and side notches

• Synchronized rectifying type stepdown chopper

• High power

• High efficiency:

▫BR200, 89.9% at VIN= 12 V, VO= 1.5 V, IO= 7 A

▫BR201, 93.8% at VIN= 12 V, VO= 3.3 V, IO= 7 A

• Operating temperature range: –40°C to 85°C

• Input voltage range: 7 to 14 VDC

• Output voltage: BR200, 0.75 to 1.65 V; BR201, 1.6 to 3.63 V

• Output current range: 0 to 10 A

• Operating frequency: BR200, 300 kHz; BR201, 600 kHz

• Overcurrent protection function




Similar Part No. - BR200

ManufacturerPart #DatasheetDescription
logo
Sanken electric
BR200 SANKEN-BR200 Datasheet
684Kb / 12P
POL Converter Module for 12 V System Intermediate Bus
logo
Extech Instruments Corp...
BR200 EXTECH-BR200 Datasheet
175Kb / 1P
Video Borescope/Wireless Inspection Camera
logo
Vestal Electronic Devic...
BR200-20-E VESTAL-BR200-20-E Datasheet
138Kb / 1P
Bare Radial Jumper Wire
BR200-20-EH VESTAL-BR200-20-EH Datasheet
138Kb / 1P
Bare Radial Jumper Wire
BR200-20-EL VESTAL-BR200-20-EL Datasheet
22Kb / 1P
Bare Radial Jumper Wire
More results


Similar Description - BR200

ManufacturerPart #DatasheetDescription
logo
Sanken electric
BR202 SANKEN-BR202 Datasheet
616Kb / 12P
POL Converter Module for 12 V System Intermediate Bus
BR204 SANKEN-BR204 Datasheet
604Kb / 12P
POL Converter Module for 12 V System Intermediate Bus
BR205 SANKEN-BR205 Datasheet
610Kb / 12P
POL Converter Module for 5 V System Intermediate Bus
BR200 SANKEN-BR200 Datasheet
684Kb / 12P
POL Converter Module for 12 V System Intermediate Bus
BR201 SANKEN-BR201 Datasheet
684Kb / 12P
POL Converter Module for 12 V System Intermediate Bus
BR202 SANKEN-BR202 Datasheet
622Kb / 12P
POL Converter Module for 12 V System Intermediate Bus
BR203 SANKEN-BR203 Datasheet
617Kb / 12P
POL Converter Module for 12 V System Intermediate Bus
BR204 SANKEN-BR204 Datasheet
605Kb / 12P
POL Converter Module for 12 V System Intermediate Bus
BR205 SANKEN-BR205 Datasheet
610Kb / 12P
POL Converter Module for 5 V System Intermediate Bus
BR206 SANKEN-BR206 Datasheet
697Kb / 12P
POL Converter Module for 5 V System Intermediate Bus
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com