Electronic Components Datasheet Search
  English  ▼

X  

JC1AF-DC12V-F Datasheet (PDF) - Panasonic Semiconductor

JC1AF-DC12V-F Datasheet PDF - Panasonic Semiconductor
Part # JC1AF-DC12V-F
Download  JC1AF-DC12V-F Download
File Size   155.76 Kbytes
Page   5 Pages
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor
Description Wide variation 1a 15A, 2a 10A power relays High inrush current capability

JC1AF-DC12V-F Datasheet (PDF)

Go To PDF Page Download Datasheet
JC1AF-DC12V-F Datasheet PDF - Panasonic Semiconductor

Part # JC1AF-DC12V-F
Download  JC1AF-DC12V-F Click to download

File Size   155.76 Kbytes
Page   5 Pages
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor
Description Wide variation 1a 15A, 2a 10A power relays High inrush current capability

JC1AF-DC12V-F Datasheet (HTML) - Panasonic Semiconductor


JC1AF-DC12V-F Product details

FEATURES

• High inrush current capability

1 Form A: 163 A inrush (TV-8)

2 Form A: 111 A inrush (TV-5)

• High dielectric withstanding for transient protection:

  JC can withstand 10,000 V surge in µs between coil and contact.

• Electrical life:

1 Form A: 105 ope. at 15 A 250 V AC resistive load

2 Form A: 105 ope. at 10 A 250 V AC resistive load

• TÜV also approved




Similar Part No. - JC1AF-DC12V-F

ManufacturerPart #DatasheetDescription
logo
Copal Electronics
JC10-000-202N COPAL-JC10-000-202N Datasheet
69Kb / 2P
CONDUCTIVE PLASTIC SINGLE TURN TYPE
logo
List of Unclassifed Man...
JC100B ETC1-JC100B Datasheet
711Kb / 16P
JC050B
JC100B1 ETC1-JC100B1 Datasheet
711Kb / 16P
JC050B
JC103C3R5/X ETC1-JC103C3R5/X Datasheet
148Kb / 5P
Thermometrics Clip-On Pipe and Surface Sensors
logo
Amphenol Corporation
JC103C3R5/X AMPHENOL-JC103C3R5/X Datasheet
80Kb / 4P
Suitable for use in conditions of high
More results


Similar Description - JC1AF-DC12V-F

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
LK1AF MITSUBISHI-LK1AF Datasheet
49Kb / 3P
SLIM POWER RELAY WITH HIGH INRUSH CURRENT CAPABILITY
logo
Panasonic Semiconductor
DK1A-3V-F PANASONIC-DK1A-3V-F Datasheet
89Kb / 5P
1a 10A, 1a1b/2a 8A small polarized power relays Switching power supply
SP4-P-DC24V PANASONIC-SP4-P-DC24V Datasheet
91Kb / 5P
2c 15A, 4c 10A polarized power relays
SP2-P-DC24V PANASONIC-SP2-P-DC24V Datasheet
111Kb / 6P
2c 15A, 4c 10A polarized power relays
SP4-SF PANASONIC-SP4-SF Datasheet
86Kb / 5P
2c 15A, 4c 10A polarized power relays
JW1FSN-B-DC24V PANASONIC-JW1FSN-B-DC24V Datasheet
133Kb / 6P
Ideal for power supply 1a/1c/2a/2c/5A/10A power relays
JQ1AP-24V-F PANASONIC-JQ1AP-24V-F Datasheet
128Kb / 7P
1a/1c 5A/10A small power relays
SP2-PS PANASONIC-SP2-PS Datasheet
86Kb / 5P
2c 15A, 4c 10A polarized power relays
JW2SNDC12V PANASONIC-JW2SNDC12V Datasheet
116Kb / 6P
Ideal for power supply 1a/1c/2a/2c/5A/10A power relays
logo
Panasonic Battery Group
SP PANASONICBATTERY-SP Datasheet
86Kb / 5P
2c 15A, 4c 10A polarized power relays
More results




About Panasonic Semiconductor


Panasonic Semiconductor is a subsidiary of Panasonic Corporation, a Japanese electronics company.
Panasonic Semiconductor provides a wide range of products including microcontrollers, sensors, power management ICs, and other electronic components for various applications in the automotive, industrial, and consumer markets.
The company is known for its focus on quality and reliability, and its products are widely used in power management, lighting, and other applications.
Panasonic Semiconductor has operations in several countries and is one of the leading suppliers of electronic components in the Asia-Pacific region.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com