Electronic Components Datasheet Search
  English  ▼

X  

AYF532665 Datasheet (PDF) - Panasonic Semiconductor

AYF532665 Datasheet PDF - Panasonic Semiconductor
Part # AYF532665
Download  AYF532665 Download
File Size   342.59 Kbytes
Page   6 Pages
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor
Description FPC connectors (0.5mm pitch) Back lock Y5B/Y5BW Series

AYF532665 Datasheet (PDF)

Go To PDF Page Download Datasheet
AYF532665 Datasheet PDF - Panasonic Semiconductor

Part # AYF532665
Download  AYF532665 Click to download

File Size   342.59 Kbytes
Page   6 Pages
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor
Description FPC connectors (0.5mm pitch) Back lock Y5B/Y5BW Series

AYF532665 Datasheet (HTML) - Panasonic Semiconductor




Similar Part No. - AYF532665

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AYF564035 PANASONIC-AYF564035 Datasheet
563Kb / 10P
Automation Controls Catalog
AYF564035 PANASONIC-AYF564035 Datasheet
1Mb / 9P
Automation Controls Catalog
2018.01
AYF564035A PANASONIC-AYF564035A Datasheet
1Mb / 9P
Automation Controls Catalog
2018.01
More results


Similar Description - AYF532665

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
FH17-10S-0.5SH HIROSE-FH17-10S-0.5SH Datasheet
345Kb / 10P
Low Profile 0.5mm Pitch Connectors For FPC
logo
DDK Ltd.
FF19CE-18B-R11BP DDK-FF19CE-18B-R11BP Datasheet
199Kb / 3P
0.4 mm Pitch Back-Lock FPC Connector
FF22E-084B-R13A DDK-FF22E-084B-R13A Datasheet
244Kb / 3P
0.3mm Pitch Solid Back Lock FPC Connector
FF34-18A-R11B DDK-FF34-18A-R11B Datasheet
197Kb / 3P
0.4 mm Pitch Back-Lock FPC Connector
logo
Panasonic Semiconductor
AYF330735 PANASONIC-AYF330735 Datasheet
572Kb / 10P
FPC connectors (0.3mm pitch) Back lock Y3B/Y3BW Series
logo
List of Unclassifed Man...
30FLT-SM2-TBLFSN ETC2-30FLT-SM2-TBLFSN Datasheet
119Kb / 2P
FLT CONNECTOR 0.5mm pitch/Connectors for FPC
logo
Japan Aviation Electron...
FA10 JAE-FA10 Datasheet
1Mb / 6P
0.5mm Pitch FPC Connector
logo
Hirose Electric
FH12 HIROSE-FH12 Datasheet
445Kb / 19P
0.5mm and 1mm Pitch Connectors For FPC/FFC
logo
JST Mfg. Co., Ltd.
FHN JST-FHN Datasheet
135Kb / 2P
0.5mm pitch/Connectors for FFC and FPC
FHY JST-FHY Datasheet
72Kb / 2P
FHY CONNECTOR 0.5mm pitch/Connectors for FPC
More results




About Panasonic Semiconductor


Panasonic Semiconductor is a subsidiary of Panasonic Corporation, a Japanese electronics company.
Panasonic Semiconductor provides a wide range of products including microcontrollers, sensors, power management ICs, and other electronic components for various applications in the automotive, industrial, and consumer markets.
The company is known for its focus on quality and reliability, and its products are widely used in power management, lighting, and other applications.
Panasonic Semiconductor has operations in several countries and is one of the leading suppliers of electronic components in the Asia-Pacific region.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com