Electronic Components Datasheet Search
  English  ▼

X  

AYF334535 Datasheet (PDF) - Panasonic Semiconductor

AYF334535 Datasheet PDF - Panasonic Semiconductor
Part # AYF334535
Download  AYF334535 Download
File Size   572.89 Kbytes
Page   10 Pages
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor
Description FPC connectors (0.3mm pitch) Back lock Y3B/Y3BW Series

AYF334535 Datasheet (PDF)

Go To PDF Page Download Datasheet
AYF334535 Datasheet PDF - Panasonic Semiconductor

Part # AYF334535
Download  AYF334535 Click to download

File Size   572.89 Kbytes
Page   10 Pages
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor
Description FPC connectors (0.3mm pitch) Back lock Y3B/Y3BW Series

AYF334535 Datasheet (HTML) - Panasonic Semiconductor




Similar Part No. - AYF334535

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AYF311115 PANASONIC-AYF311115 Datasheet
335Kb / 5P
FPC connectors (0.3mm pitch) Front lock with FPC tabs Easy-to-handle front lock structure
AYF311315 PANASONIC-AYF311315 Datasheet
335Kb / 5P
FPC connectors (0.3mm pitch) Front lock with FPC tabs Easy-to-handle front lock structure
AYF311515 PANASONIC-AYF311515 Datasheet
335Kb / 5P
FPC connectors (0.3mm pitch) Front lock with FPC tabs Easy-to-handle front lock structure
AYF311715 PANASONIC-AYF311715 Datasheet
335Kb / 5P
FPC connectors (0.3mm pitch) Front lock with FPC tabs Easy-to-handle front lock structure
AYF312315 PANASONIC-AYF312315 Datasheet
335Kb / 5P
FPC connectors (0.3mm pitch) Front lock with FPC tabs Easy-to-handle front lock structure
More results


Similar Description - AYF334535

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
FH18-17S-0.3SHW HIROSE-FH18-17S-0.3SHW Datasheet
275Kb / 8P
Low Profile 0.3mm Pitch Connectors For FPC
logo
DDK Ltd.
FF19CE-18B-R11BP DDK-FF19CE-18B-R11BP Datasheet
199Kb / 3P
0.4 mm Pitch Back-Lock FPC Connector
FF22E-084B-R13A DDK-FF22E-084B-R13A Datasheet
244Kb / 3P
0.3mm Pitch Solid Back Lock FPC Connector
FF34-18A-R11B DDK-FF34-18A-R11B Datasheet
197Kb / 3P
0.4 mm Pitch Back-Lock FPC Connector
logo
Japan Aviation Electron...
FF02S JAE-FF02S Datasheet
170Kb / 8P
0.3mm Pitch Connector for FPC
logo
Panasonic Semiconductor
AYF530435 PANASONIC-AYF530435 Datasheet
342Kb / 6P
FPC connectors (0.5mm pitch) Back lock Y5B/Y5BW Series
AYF311115 PANASONIC-AYF311115 Datasheet
335Kb / 5P
FPC connectors (0.3mm pitch) Front lock with FPC tabs Easy-to-handle front lock structure
AYF321515 PANASONIC-AYF321515 Datasheet
357Kb / 7P
FPC connectors (0.3mm pitch) Front lock without FPC tabs
logo
Hirose Electric
FH18 HIROSE-FH18 Datasheet
226Kb / 8P
Low Profile 0.3mm Pitch Connectors For FPC
logo
Molex Electronics Ltd.
PS-504754-002 MOLEX-PS-504754-002 Datasheet
908Kb / 17P
0.3mm PITCH FPC CONN. BACK FLIP (RIGHT ANGLE TYPE) LOW-HALOGEN
Rev. J
More results




About Panasonic Semiconductor


Panasonic Semiconductor is a subsidiary of Panasonic Corporation, a Japanese electronics company.
Panasonic Semiconductor provides a wide range of products including microcontrollers, sensors, power management ICs, and other electronic components for various applications in the automotive, industrial, and consumer markets.
The company is known for its focus on quality and reliability, and its products are widely used in power management, lighting, and other applications.
Panasonic Semiconductor has operations in several countries and is one of the leading suppliers of electronic components in the Asia-Pacific region.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com