Electronic Components Datasheet Search
  English  ▼

X  

27260701 Datasheet (PDF) - PHOENIX CONTACT

27260701 Datasheet PDF - PHOENIX CONTACT
Part # 27260701
Download  27260701 Download
File Size   129.15 Kbytes
Page   8 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description Plug component, Nominal current: 12 A, Rated voltage (III/2): 320 V, Number of positions: 7, Pitch: 5.08 mm, Connection method: Solder/Slip-on connection, Color: green, Contact surface: Tin, Assembly: Direct mounting

27260701 Datasheet (PDF)

Go To PDF Page Download Datasheet
27260701 Datasheet PDF - PHOENIX CONTACT

Part # 27260701
Download  27260701 Click to download

File Size   129.15 Kbytes
Page   8 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description Plug component, Nominal current: 12 A, Rated voltage (III/2): 320 V, Number of positions: 7, Pitch: 5.08 mm, Connection method: Solder/Slip-on connection, Color: green, Contact surface: Tin, Assembly: Direct mounting

27260701 Datasheet (HTML) - PHOENIX CONTACT




Similar Part No. - 27260701

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
27260701 PHOENIX-27260701 Datasheet
76Kb / 5P
Header, Nominal current: 12 A, Rated voltage (III/2): 320 V, Assembly: Soldering
27260701 PHOENIX-27260701 Datasheet
128Kb / 8P
Base strip - MSTBV 2,5/ 6-G - 1753518
27260701 PHOENIX-27260701 Datasheet
128Kb / 8P
Base strip - MSTBV 2,5/10-G - 1753592
27260701 PHOENIX-27260701 Datasheet
102Kb / 6P
Base strip - GMSTBA 2,5/ 3-G - 1766356
27260701 PHOENIX-27260701 Datasheet
49Kb / 2P
Strain relief - STZ 2-PCC 4-7,62 - 1840214
More results


Similar Description - 27260701

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
1804917 ETC2-1804917 Datasheet
95Kb / 7P
Plug component, nominal current: 20 A, rated voltage: 400 V, pitch: 7.62 mm, no. of positions: 3, type of connection: Screw connection
logo
PHOENIX CONTACT
0611017 PHOENIX-0611017 Datasheet
63Kb / 3P
Connection honeycomb, Connection type: Screw mounting, Number of positions
1728307 PHOENIX-1728307 Datasheet
139Kb / 5P
PC terminal block, Nominal current: 10 A, Nom. voltage: 160 V, Pitch: 3.81 mm, Number of positions: 4, Type of connection: Screw connection, Assembly: Soldering, Conductor/PCB connection
1755558 PHOENIX-1755558 Datasheet
145Kb / 5P
Header, Nominal current: 12 A, Nom. voltage: 250 V, Pitch: 5 mm, Number of positions: 6, Color: green, Assembly: Soldering
1769829 PHOENIX-1769829 Datasheet
151Kb / 5P
Header, Nominal current: 12 A, Nom. voltage: 250 V, Pitch: 5 mm, Number of positions: 4, Color: green, Assembly: Soldering
1802414 PHOENIX-1802414 Datasheet
170Kb / 6P
Header, Nominal current: 10 A, Nom. voltage: 250 V, Pitch: 5.08 mm, Number of positions: 3, Color: green, Assembly: Soldering
1893313 PHOENIX-1893313 Datasheet
74Kb / 6P
Plug component, Nominal current: 12 A, Rated voltage (III/2): 320 V, Number of positions: 4, Pitch: 5mm, Connection method: Screw connection, Color: Black, Contact surface: Tin
2908993 PHOENIX-2908993 Datasheet
76Kb / 5P
Header, Nominal current: 12 A, Rated voltage (III/2): 320 V, Assembly: Soldering
1982800 PHOENIX-1982800 Datasheet
53Kb / 2P
, rated voltage (III/2): , nominal current (Ex): , nominal voltage (Ex): , number of positions: 1, pitch: 0 mm, : ,mounting
2202396 PHOENIX-2202396 Datasheet
84Kb / 3P
DIN rail connector, nominal current: 6 A, rated voltage (III/2): 32 V, number of positions: 8, pitch: 2.54 mm, color: light gray
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com