Electronic Components Datasheet Search
  English  ▼

X  

1N5347B Datasheet (PDF) - Microsemi Corporation

1N5347B Datasheet PDF - Microsemi Corporation
Part # 1N5347B
Download  1N5347B Download
File Size   157.41 Kbytes
Page   3 Pages
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation
Description Silicon 5 Watt Zener Diodes

1N5347B Datasheet (PDF)

Go To PDF Page Download Datasheet
1N5347B Datasheet PDF - Microsemi Corporation

Part # 1N5347B
Download  1N5347B Click to download

File Size   157.41 Kbytes
Page   3 Pages
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation
Description Silicon 5 Watt Zener Diodes

1N5347B Datasheet (HTML) - Microsemi Corporation


1N5347B Product details

DESCRIPTION
The 1N5333-5388B JEDEC registered series of axial-leaded 5.0 watt Zeners provides voltage regulation in a selection from 3.3 to 200 volts with different tolerances as identified by specific suffix letter on the part number. These plastic encapsulated Zeners have moisture classification of Level 1 with no dry pack required and are also available in various military equivalent screening levels by adding a prefix identifier as also described in the Features section. They may be operated at high maximum dc currents with adequate heat sinking with their comparatively low thermal resistance design. Microsemi also offers numerous other Zener products to meet higher and lower power applications.

FEATURES
• JEDEC registered 1N5333 to 1N5388B
• Zener voltage available 3.3V to 200V
• Standard voltage tolerances are plus/minus 5% with B suffix and 10 % with A suffix identification
• Tight tolerances available in plus or minus 2% or 1% with C or D suffix respectively
• Options for screening in accordance with MIL-PRF- 19500 for JAN, JANTX, and JANTXV are available by adding MQ, MX, or MV prefixes respectively to part numbers.
• Surface mount equivalents available as SMBJ5333 to SMBJ5388B, or SMBG5333B to SMBG5388B
• RoHS Compliant devices available by adding e3 suffix

APPLICATIONS / BENEFITS
• Regulates voltage over a broad operating current and temperature range
• Wide selection from 3.3 to 200 V
• Flexible axial-lead mounting terminals
• Nonsensitive to ESD per MIL-STD-750 Method 1020
• Withstands high surge stresses
• Minimal changes of voltage versus current as specified by voltage regulation (ΔVZ)
• High specified maximum current (IZM) when adequately heat sunk
• Moisture classification is Level 1 per IPC/JEDEC JSTD-020B with no dry pack required




Similar Part No. - 1N5347B

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
1N5347B MOTOROLA-1N5347B Datasheet
87Kb / 6P
5 WATT ZENER REGULATOR DIODES 3.3-200 VOLTS
logo
Boca Semiconductor Corp...
1N5347B BOCA-1N5347B Datasheet
428Kb / 5P
5 Watt Surmetic 40 Silicon Zener Diodes
logo
Diodes Incorporated
1N5347B DIODES-1N5347B Datasheet
63Kb / 3P
5W ZENER DIODE
DS21407 Rev. D-3
logo
Microsemi Corporation
1N5347B MICROSEMI-1N5347B Datasheet
114Kb / 2P
SILICON 5 WATT ZENER DIODES
logo
Diotec Semiconductor
1N5347B DIOTEC-1N5347B Datasheet
93Kb / 2P
Silicon-Power-Z-Diodes (non-planar technology)
More results


Similar Description - 1N5347B

ManufacturerPart #DatasheetDescription
logo
Boca Semiconductor Corp...
1N5333B BOCA-1N5333B Datasheet
428Kb / 5P
5 Watt Surmetic 40 Silicon Zener Diodes
logo
Compensated Deuices Inc...
1N6632 CDI-DIODE-1N6632 Datasheet
27Kb / 2P
5 WATT ZENER DIODES
1N6632US CDI-DIODE-1N6632US Datasheet
59Kb / 2P
5 WATT ZENER DIODES
logo
Micro Commercial Compon...
SMBJ5333B MCC-SMBJ5333B Datasheet
1Mb / 4P
5 Watt Surface Mount Silicon Zener Diodes
logo
Microsemi Corporation
1N5333B MICROSEMI-1N5333B Datasheet
114Kb / 2P
SILICON 5 WATT ZENER DIODES
1N6632 MICROSEMI-1N6632 Datasheet
41Kb / 2P
5 WATT ZENER DIODES
logo
Motorola, Inc
1N5333A MOTOROLA-1N5333A Datasheet
195Kb / 4P
5-Watt Surmetic 40 Silicon Zener Diodes
logo
First Components Intern...
1N5333 FCI-1N5333 Datasheet
100Kb / 3P
5 Watt ZENER DIODES
logo
Digitron Semiconductors
1N5333B DIGITRON-1N5333B Datasheet
161Kb / 3P
5 WATT ZENER DIODES
logo
New Jersey Semi-Conduct...
1N5333B NJSEMI-1N5333B Datasheet
102Kb / 2P
5 Watt Surmetic 40 Silicon Zener Diodes
More results




About Microsemi Corporation


Microsemi Corporation was an American company that specialized in the design and manufacture of semiconductor and system solutions.
The company was founded in 1960 and was headquartered in Aliso Viejo, California.
Microsemi provided a wide range of products including analog and mixed-signal integrated circuits, field-programmable gate arrays (FPGAs), power management and control products, and other semiconductor solutions.
The company's products were used in various applications such as defense and security, aerospace and aviation, industrial, and communications.
Microsemi was known for its expertise in semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
In 2018, Microsemi was acquired by Microchip Technology, a leading provider of microcontroller, mixed-signal, analog, and security products.
The Microsemi brand is no longer in use, but its technology and products continue to be a part of Microchip's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com