Electronic Components Datasheet Search
  English  ▼

X  

RCAT-00 Datasheet (PDF) - Mini-Circuits

RCAT-00 Datasheet PDF - Mini-Circuits
Part # RCAT-00
Download  RCAT-00 Download
File Size   592.42 Kbytes
Page   4 Pages
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits
Description 50廓 2W 0dB DC to 20 GHz

RCAT-00 Datasheet (PDF)

Go To PDF Page Download Datasheet
RCAT-00 Datasheet PDF - Mini-Circuits

Part # RCAT-00
Download  RCAT-00 Click to download

File Size   592.42 Kbytes
Page   4 Pages
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits
Description 50廓 2W 0dB DC to 20 GHz

RCAT-00 Datasheet (HTML) - Mini-Circuits




Similar Part No. - RCAT-00

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
RCAT-01 MINI-RCAT-01 Datasheet
244Kb / 4P
Fixed Attenuator
RCAT-01+ MINI-RCAT-01+ Datasheet
244Kb / 4P
Fixed Attenuator
RCAT-02 MINI-RCAT-02 Datasheet
244Kb / 4P
Fixed Attenuator
RCAT-02+ MINI-RCAT-02+ Datasheet
244Kb / 4P
Fixed Attenuator
RCAT-03 MINI-RCAT-03 Datasheet
245Kb / 4P
Fixed Attenuator
More results


Similar Description - RCAT-00

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
ANNE-50X MINI-ANNE-50X Datasheet
69Kb / 1P
Termination SMA 50??DC to 20 GHz
LOUIS-50 MINI-LOUIS-50 Datasheet
121Kb / 1P
Termination DIN 50??DC to 2 GHz
ZX60-4016E MINI-ZX60-4016E Datasheet
255Kb / 2P
Connectorized Amplifier 50廓, 20 MHz to 4 GHz
logo
Anaren Microwave
3W512 ANAREN-3W512 Datasheet
320Kb / 2P
Balun 50廓 to 12.5廓 Balanced
RFP-20-100RP-S ANAREN-RFP-20-100RP-S Datasheet
509Kb / 2P
Flanged Resistors 20 Watts, 50廓
logo
Mini-Circuits
RVA-3000 MINI-RVA-3000 Datasheet
210Kb / 2P
Voltage Variable Attenuator 50廓 20 to 3000 MHz
ZVA-213 MINI-ZVA-213 Datasheet
222Kb / 2P
Wideband Amplifier 50廓 800 MHz to 21 GHz
logo
TriQuint Semiconductor
TGA4803 TRIQUINT-TGA4803 Datasheet
570Kb / 9P
DC to >50 GHz MPA with AGC
TGA4803 TRIQUINT-TGA4803_15 Datasheet
565Kb / 9P
DC to 50 GHz MPA with AGC
logo
M/A-COM Technology Solu...
MA4SWX10 MA-COM-MA4SWX10 Datasheet
950Kb / 9P
Specified from 50 MHz to 20 GHz
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com