Electronic Components Datasheet Search
  English  ▼

X  

AT-41533 Datasheet (PDF) - AVAGO TECHNOLOGIES LIMITED

AT-41533 Datasheet PDF - AVAGO TECHNOLOGIES LIMITED
Part # AT-41533
Download  AT-41533 Download
File Size   143.34 Kbytes
Page   10 Pages
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED
Description General Purpose, Low Noise NPN Silicon Bipolar Transistors Lead-free

AT-41533 Datasheet (PDF)

Go To PDF Page Download Datasheet
AT-41533 Datasheet PDF - AVAGO TECHNOLOGIES LIMITED

Part # AT-41533
Download  AT-41533 Click to download

File Size   143.34 Kbytes
Page   10 Pages
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED
Description General Purpose, Low Noise NPN Silicon Bipolar Transistors Lead-free

AT-41533 Datasheet (HTML) - AVAGO TECHNOLOGIES LIMITED


AT-41533 Product details

Description
Avago’s AT-41511 and AT-41533 are general purpose NPN bipolar transistors that offer excellent high frequency performance at an economical price. The AT-41533 uses the 3 lead SOT-23, while the AT-41511 places the same die in the lower parasitic 4 lead SOT-143. Both packages are industry standard, and compatible with high volume surface mount assembly techniques.

Features
• General Purpose NPN Bipolar Transistor
• 900 MHz Performance:
    AT-41511: 1 dB NF, 15.5 dB GA
    AT-41533: 1 dB NF, 14.5 dB GA
• Characterized for 3, 5, and 8 Volt Use
• SOT-23 and SOT-143 SMT Plastic Packages
• Tape-and-Reel Packaging Option Available
• Lead-free




Similar Part No. - AT-41533

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
AT-41533 HP-AT-41533 Datasheet
103Kb / 10P
General Purpose, Low Noise NPN Silicon Bipolar Transistor
AT-41533-BLK HP-AT-41533-BLK Datasheet
103Kb / 10P
General Purpose, Low Noise NPN Silicon Bipolar Transistor
AT-41533-TR1 HP-AT-41533-TR1 Datasheet
103Kb / 10P
General Purpose, Low Noise NPN Silicon Bipolar Transistor
More results


Similar Description - AT-41533

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE16 NTE-NTE16 Datasheet
20Kb / 2P
Silicon Complementary Transistors Low Noise, General Purpose Amplifier
logo
Agilent(Hewlett-Packard...
AT-41511 HP-AT-41511 Datasheet
103Kb / 10P
General Purpose, Low Noise NPN Silicon Bipolar Transistor
logo
Leshan Radio Company
BC817-16LT1 LRC-BC817-16LT1 Datasheet
51Kb / 2P
General Purpose Transistors(NPN Silicon)
BC847BRLT1 LRC-BC847BRLT1 Datasheet
117Kb / 3P
General Purpose Transistors(NPN Silicon)
BCW65ALT1 LRC-BCW65ALT1 Datasheet
52Kb / 2P
General Purpose Transistors(NPN Silicon)
logo
M-pulse Microwave Inc.
2N2857 MPLUSE-2N2857 Datasheet
127Kb / 4P
Silicon Bipolar Low Noise microwave Transistors
MP42001 MPLUSE-MP42001 Datasheet
131Kb / 7P
Silicon Bipolar Low Noise Microwave Transistors
MP42141 MPLUSE-MP42141 Datasheet
128Kb / 5P
Silicon Bipolar Low Noise Microwave Transistors
logo
ON Semiconductor
MMBT2132T3 ONSEMI-MMBT2132T3_06 Datasheet
59Kb / 4P
General Purpose Transistors NPN Bipolar Junction Transistor
January, 2006 ??Rev. 1
logo
AVAGO TECHNOLOGIES LIMI...
AT-41532 AVAGO-AT-41532 Datasheet
1Mb / 14P
General Purpose, Low Current NPN Silicon Bipolar Transistor
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com